Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74201RGWRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74201RGWRG4
Description  1.5A Ultra-LDO with Programmable Soft-Start
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74201RGWRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS74201RGWRG4 Datasheet HTML 7Page - Texas Instruments TPS74201RGWRG4 Datasheet HTML 8Page - Texas Instruments TPS74201RGWRG4 Datasheet HTML 9Page - Texas Instruments TPS74201RGWRG4 Datasheet HTML 10Page - Texas Instruments TPS74201RGWRG4 Datasheet HTML 11Page - Texas Instruments TPS74201RGWRG4 Datasheet HTML 12Page - Texas Instruments TPS74201RGWRG4 Datasheet HTML 13Page - Texas Instruments TPS74201RGWRG4 Datasheet HTML 14Page - Texas Instruments TPS74201RGWRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
DROPOUT VOLTAGE
Reference
SimplifiedBlock Diagram
V
OUT
OUT
BIAS
FB
IN
V
IN
V
=3.3V
5%
BIAS
±
V
=3.3V
5V
V
=1.5V
I
=1.5A
Efficiency=45%
IN
OUT
OUT
±
PROGRAMMABLE SOFT-START
Reference
SimplifiedBlock Diagram
V
OUT
OUT
BIAS
FB
IN
V
=5V
5%
BIAS
±
V
=1.8V
V
=1.5V
I
=1.5A
Efficiency=83%
IN
OUT
OUT
t
SS
+
V
REF
C
SS
I
SS
(1)
t
SSCL
+
V
OUT(NOM)
C
OUT
I
CL(MIN)
(2)
TPS74201
SBVS064F – DECEMBER 2005 – REVISED OCTOBER 2007
The
TPS74201
offers
industry-leading
dropout
performance, making it well-suited for high-current
low VIN/low VOUT applications. The extremely low
dropout of the TPS74201 allows the device to be
used in place of a DC/DC converter and still achieve
good efficiencies. This efficiency allows the user to
rethink the power architecture for their applications to
achieve the smallest, simplest, and lowest cost
solution.
There are two different specifications for dropout
voltage with the TPS74201. The first specification
(see Figure 27) is referred to as VIN Dropout and is
for users who wish to apply an external bias voltage
to achieve low dropout. This specification assumes
Figure 28. Typical Application of the TPS74201
that VBIAS is at least 1.62V above VOUT, which is the
Without an Auxiliary Bias
case for VBIAS when powered by a 3.3V rail with 5%
tolerance and with VOUT = 1.5V. If VBIAS is higher than
3.3V
× 0.95 or V
OUT is less than 1.5V, VIN dropout is
less than specified.
The TPS74201 features a programmable, monotonic,
voltage-controlled
soft-start
that
is
set
with
an
external capacitor (CSS). This feature is important for
many applications because it eliminates power-up
initialization problems when powering FPGAs, DSPs,
or other processors. The controlled voltage ramp of
the output also reduces peak inrush current during
start-up, minimizing start-up transients to the input
power bus.
To achieve a linear and monotonic soft-start, the
TPS74201 error amplifier tracks the voltage ramp of
the external soft-start capacitor until the voltage
exceeds the internal reference. The soft-start ramp
time depends on the soft-start charging current (ISS),
soft-start
capacitance
(CSS),
and
the
internal
Figure 27. Typical Application of the TPS74201
reference voltage (VREF), and can be calculated using
Using an Auxiliary Bias Rail
Equation 1:
The second specification (see Figure 28) is referred
to as VBIAS Dropout and is for users who wish to tie
IN and BIAS together. This option allows the device
If large output capacitors are used, the device current
to be used in applications where an auxiliary bias
limit (ICL) and the output capacitor may set the
voltage is not available or low dropout is not required.
start-up time. In this case, the start-up time is given
Dropout is limited by BIAS in these applications
by Equation 2:
because VBIAS provides the gate drive to the pass
FET and therefore must be 1.4V above VOUT.
Because of this usage, IN and BIAS tied together
easily consume huge power. Pay attention not to
exceed the power rating of the IC package.
VOUT(NOM) is the nominal set output voltage as set by
the user, COUT is the output capacitance, and ICL(MIN)
is the minimum current limit for the device. In
applications where monotonic startup is required, the
soft-start time given by Equation 1 should be set to
be greater than Equation 2.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS74201


Similar Part No. - TPS74201RGWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74201RGWRG4 TI1-TPS74201RGWRG4 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
More results

Similar Description - TPS74201RGWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401 TI1-TPS74401_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
[Old version datasheet]   3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74301 TI-TPS74301_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
TPS74301 TI-TPS74301 Datasheet
846Kb / 27P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com