Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4502EVB Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4502EVB
Description  1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4502EVB Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC4502EVB Datasheet HTML 2Page - Semtech Corporation SC4502EVB Datasheet HTML 3Page - Semtech Corporation SC4502EVB Datasheet HTML 4Page - Semtech Corporation SC4502EVB Datasheet HTML 5Page - Semtech Corporation SC4502EVB Datasheet HTML 6Page - Semtech Corporation SC4502EVB Datasheet HTML 7Page - Semtech Corporation SC4502EVB Datasheet HTML 8Page - Semtech Corporation SC4502EVB Datasheet HTML 9Page - Semtech Corporation SC4502EVB Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
 2005 Semtech Corp.
POWER MANAGEMENT
SC4502/SC4502H
www.semtech.com
Typical Characteristics
Shutdown Pin Current
vs Temperature
-6
-5
-4
-3
-50
-25
0
25
50
75
100
125
Temperature (ºC)
VIN = 2V
VIN = 12V
VSHDN = 1.25V
VIN Current vs SHDN Pin Voltage
0
0.02
0.04
0.06
0.08
0.1
0
0.2
0.4
0.6
0.8
1
1.2
SHDN Voltage (V)
25ºC
VIN = 2V
VIN Current vs SHDN Pin Voltage
0
0.2
0.4
0.6
0.8
1
1.2
0
0.5
1
1.5
SHDN Voltage (V)
125ºC
-40ºC
VIN = 2V
-40ºC
125ºC
Soft-Start Charging Current
vs Temperature
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
Temperature (ºC)
VSS = 0.3V
Switch Current Limit
vs Temperature
1.6
1.8
2
2.2
2.4
-50
-25
0
25
50
75
100
Temperature (ºC)
Transconductance vs Temperature
30
40
50
60
70
80
-50
-25
0
255075
100
125
Temperature (ºC)
VIN = 2V


Similar Part No. - SC4502EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC450 SEMTECH-SC450 Datasheet
89Kb / 1P
   Portable IMVP-IV??and IMVP4??Dual Phase Power Supply Controller
SC450 SEMTECH-SC450 Datasheet
82Kb / 1P
   Portable IMVP-IV and IMVP4 Dual Phase Power Supply Controller
SC4501 SEMTECH-SC4501 Datasheet
620Kb / 21P
   2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4501EVB SEMTECH-SC4501EVB Datasheet
620Kb / 21P
   2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4501MLTRT SEMTECH-SC4501MLTRT Datasheet
620Kb / 21P
   2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
More results

Similar Description - SC4502EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4501 SEMTECH-SC4501 Datasheet
620Kb / 21P
   2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
logo
Kingbor Technology Co
KB3302 KINGBOR-KB3302 Datasheet
248Kb / 17P
   2Amp, 2MHz Step-up Switching regulator with Soft-Start
logo
Semtech Corporation
SC4521 SEMTECH-SC4521 Datasheet
322Kb / 18P
   3A Step-Down Switching Regulator with Programmable Soft Start
logo
Linear Technology
LT3467 LINER-LT3467_15 Datasheet
276Kb / 18P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467A LINER-LT3467A_15 Datasheet
276Kb / 18P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467 LINER-LT3467 Datasheet
268Kb / 16P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Seiko Instruments Inc
S-8435 SII-S-8435 Datasheet
2Mb / 42P
   STEP-UP SWITCHING REGULATOR
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com