Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4905B Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4905B
Description  High Performance Voltage Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4905B Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4905B Datasheet HTML 4Page - Semtech Corporation SC4905B Datasheet HTML 5Page - Semtech Corporation SC4905B Datasheet HTML 6Page - Semtech Corporation SC4905B Datasheet HTML 7Page - Semtech Corporation SC4905B Datasheet HTML 8Page - Semtech Corporation SC4905B Datasheet HTML 9Page - Semtech Corporation SC4905B Datasheet HTML 10Page - Semtech Corporation SC4905B Datasheet HTML 11Page - Semtech Corporation SC4905B Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SC4905A/B
POWER MANAGEMENT
 2006 Semtech Corp.
www.semtech.com
8
VDD UNDER VOLTAGE LOCK OUT
According to the application, and the voltages available,
the SC4905A (UVLO = 4.4V), or the SC4905B (UVLO =
11.6V) can be used to provide the VDD undervoltage
lock out function to ensure the converters controlled
start up.
Before the VDD UVLO has been reached, the internal ref-
erence, oscillator, OUT driver, and logic are disabled.
REFERENCE
A 4V (SC4905A) or a 5V(SC4905B) reference voltage is
available that can be used to source a typical current
up to 5mA to the external circuitry. The REF can be used
to provide the feed back circuitry with a regulated bias.
OSCILLATOR
The oscillator frequency is set by connecting a RC network
as shown below.
U1
SC4905
4
5
3
2
10
1
6
7
8
9
DMAX
RC
VFF
FB
REF
VDD
SYNC
ILIM
GND
OUT
RB
8.25k
RT
280k
RM
2k
Rosc
499k
Cosc
220p, 16V
Vin
The oscillator has a ramp voltage that will track the volt-
age at the VFF pin (1.2V<VFF<3.6V). The oscillator peak
voltage is derived by charging the oscillator capacitor (Cosc)
to the VFF voltage via the oscillator resistor (Rosc). The
bias current to charge the Cosc is controlled by the Rosc.
Once the RC pin has reached the VFF voltage, the oscil-
lator ramp is discharged by an internal switch hence cre-
ating the triangle oscillator ramp.
Application Information (Cont.)
Since the Rosc is referenced to the input supply voltage,
any variation in the supply is directly translated into a
variation in the duty cycle, while maintaining the fixed
frequency operation.
Following equation can be used to calculate the oscilla-
tor frequency:
()
05
.
1
VFF
C
R
2
VFF
Vin
F
OSC
OSC
OSC
The recommended range if timing resistors is between
10 kohm and 500kohm and range of timing capacitors
is between 100pF and 1000pF. Timing resistors less
than 10 kohm should be avoided.


Similar Part No. - SC4905B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4905BIMSTR SEMTECH-SC4905BIMSTR Datasheet
369Kb / 24P
   High Performance Voltage Mode PWM Controller
SC4905BIMSTRT SEMTECH-SC4905BIMSTRT Datasheet
369Kb / 24P
   High Performance Voltage Mode PWM Controller
SC4905BMSTR SEMTECH-SC4905BMSTR Datasheet
344Kb / 20P
   HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
More results

Similar Description - SC4905B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A Datasheet
344Kb / 20P
   HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
   High Performance Voltage Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com