Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4808C Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4808C
Description  High Performance Dual Ended PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808C Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC4808C Datasheet HTML 2Page - Semtech Corporation SC4808C Datasheet HTML 3Page - Semtech Corporation SC4808C Datasheet HTML 4Page - Semtech Corporation SC4808C Datasheet HTML 5Page - Semtech Corporation SC4808C Datasheet HTML 6Page - Semtech Corporation SC4808C Datasheet HTML 7Page - Semtech Corporation SC4808C Datasheet HTML 8Page - Semtech Corporation SC4808C Datasheet HTML 9Page - Semtech Corporation SC4808C Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
 2006 Semtech Corp.
www.semtech.com
SC4808C
POWER MANAGEMENT
The current sense input and internal slope compensation
are both provided via the CS pin. The current sense input
from a sense resistor is used for the peak current and
overcurrent comparators. An internal 1 to 3 feedback volt-
age divider provides a 3X amplification of the CS signal.
This is used for comparison to the external error amplifier
signal. If an external resistor is connected from CS to the
current sense resistor, the internal current source will pro-
vide a programmable slope compensation. The value of
the resistor will determine the level of compensation. At
higher compensation levels, voltage mode of operation can
be achieved. The error amplifier signal at the FB pin will be
used in conjunction with the CS signal to achieve regula-
tion.
Two levels of undervoltage lockout are also available. The
LUVLO (line under voltage lockout) pin via an external re-
sistive divider will program the undervoltage lockout level.
During the LUVLO, the driver outputs are disabled and the
softstart is reset.
Once VCC has exceeded the UVLO (VCC under voltage lock-
out) limit, the internal reference, oscillator, drivers and logic
are powered up.
SYNC is a positive edge triggered input with a threshold
set to 1.0V.
By connecting an external control signal to the SYNC pin,
the internal oscillator frequency will be synchronized to the
positive edge of the external control signal. In a single con-
troller operation, SYNC should be grounded or connected
to an external synchronization clock within the SYNC fre-
quency range .
In the Bi-phase operation mode a very unique oscillator
is utilized to allow two SC4808C to be synchronized
together and work out of phase. This feature is setup by
simple connection of the SYNC input to the RC pin of the
other part. The fastest oscillator automatically becomes
the master, forcing the two PWMs to operate out of
phase. This feature minimizes the input and output
ripples, and reduces stress on the capacitors.
THEORY OF OPERATION
The SC4808C is a versatile double ended, high speed, low
power, pulse width modulator that is optimized for applica-
tions requiring minimum space.
The device contains all of the control and drive circuity re-
quired for isolated or non isolated power supplies where
an external error amplifier is used. A fixed oscillator fre-
quency (up to 1MHz) can be programmed by an external
RC network.
The SC4808C is a peak current or voltage mode controller,
depending on the amount of slope compensation,
programmable with only one external resistor. The cycle by
cycle peak current limit prevents core saturation when a
transformer is used for isolation while the overcurrent
circuitry initiates the softstart cycle.
The SC4808C dual output drive stages are arranged in a
push-pull configuration. Both outputs switch at half the
oscillator frequency using a toggle flip flop. The dead time
between the two outputs is programmable depending on
the values of the timing capacitor and resistors, thus limiting
each output stage duty cycle to less than 50%.
The SC4808C also provides flexibility with programmable
LUVLO thresholds, with built-in hysteresis.
SUPPLY
A single supply, VCC is used to provide the bias for the
internal reference, oscillator, drivers, and logic circuitry of
SC4808C. To ensure proper operation during start up, VCC
slew rate of less than 10V/mS is recommended.
PWM CONTROLLER
SC4808C is a double ended PWM controller that can be
used in voltage or current mode applications. The SC4808C
provides a 7.5V VCC UVLO, and a 3.125V reference. The
oscillator frequency is programmed by a resistor and a ca-
pacitor network connected to an external reference pro-
vided by the SC4808C. The two outputs, OUTA and OUTB,
are 180 degrees out of phase and run at half of the oscil-
lator frequency.
An external error amplifier will provide the error signal to
the FB pin of the SC4808C.
Application Information


Similar Part No. - SC4808C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808A SEMTECH-SC4808A Datasheet
468Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A Datasheet
473Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808AIMSTR SEMTECH-SC4808AIMSTR Datasheet
468Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808AIMSTR SEMTECH-SC4808AIMSTR Datasheet
473Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808AIMSTRT SEMTECH-SC4808AIMSTRT Datasheet
468Kb / 31P
   High Performance Dual Ended PWM Controller
More results

Similar Description - SC4808C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808B-1 SEMTECH-SC4808B-1 Datasheet
439Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
439Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A_16 Datasheet
473Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A Datasheet
468Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2_09 Datasheet
802Kb / 28P
   High Performance Dual Ended PWM Controller
logo
IXYS Corporation
IXMS150PSI IXYS-IXMS150PSI Datasheet
464Kb / 10P
   High Performance Dual PWM Microstepping Controller
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
   High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
   High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
   High-Performance PWM Controller
TD1730 TECHCODE-TD1730 Datasheet
677Kb / 17P
   High-Performance PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com