Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K96E Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT82K96E
Description  USB Multimedia Keyboard Encoder 8-Bit OTP MCU
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K96E Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT82K96E_07 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
HT82K96E
Rev. 2.00
10
October 11, 2007
The TO flag can be affected only by system power-up, a
WDT time-out or executing the
²CLR WDT² or ²HALT²
instruction. The PDF flag can be affected only by ex-
ecuting the
²HALT² or ²CLR WDT² instruction or dur-
ing a system power-up.
The Z, OV, AC and C flags generally reflect the status of
the latest operations.
In addition, on entering the interrupt sequence or exe-
cuting the subroutine call, the status register will not be
pushed onto the stack automatically. If the contents of
the status are important and if the subroutine can cor-
rupt the status register, precautions must be taken to
save it properly.
Interrupt
The device provides an external interrupt and internal
timer/event counter interrupts. The Interrupt Control
Register (INTC;0BH) contains the interrupt control bits
to set the enable/disable and the interrupt request flags.
Once an interrupt subroutine is serviced, all the other in-
terrupts will be blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may occur during this interval but only
the interrupt request flag is recorded. If a certain inter-
rupt requires servicing within the service routine, the
EMI bit and the corresponding bit of the INTC may be set
to allow interrupt nesting. If the stack is full, the interrupt
request will not be acknowledged, even if the related in-
terrupt is enabled, until the SP is decremented. If immedi-
ate service is desired, the stack must be prevented from
becoming full.
All these kinds of interrupts have a wake-up capability.
As an interrupt is serviced, a control transfer occurs by
pushing the program counter onto the stack, followed by
a branch to a subroutine at specified location in the pro-
gram memory. Only the program counter is pushed onto
the stack. If the contents of the register or status register
(STATUS) are altered by the interrupt service program
which corrupts the desired control sequence, the con-
tents should be saved in advance.
USB interrupts are triggered by the following USB
events and the related interrupt request flag (USBF; bit
4 of INTC) will be set.
· The access of the corresponding USB FIFO from PC
· The USB suspend signal from PC
· The USB resume signal from PC
· USB Reset signal
When the interrupt is enabled, the stack is not full and
the external interrupt is active, a subroutine call to loca-
tion 04H will occur. The interrupt request flag (USBF)
and EMI bits will be cleared to disable other interrupts.
When PC Host access the FIFO of the HT82K96E, the
corresponding request bit of USR is set, and a USB in-
terrupt is triggered. So user can easy to decide which
FIFO is accessed. When the interrupt has been served,
the corresponding bit should be cleared by firmware.
When HT82K96E receive a USB Suspend signal from
Host PC, the suspend line (bit0 of USC) of the
HT82K96E is set and a USB interrupt is also triggered.
Also when HT82K96E receive a Resume signal from
Host PC, the resume line (bit3 of USC) of HT82K96E is
set and a USB interrupt is triggered.
Whatever there are USB reset signal is detected, the
USB interrupt is triggered.
The internal Timer/Event Counter 0 interrupt is initial-
ized by setting the Timer/Event Counter 0 interrupt re-
quest flag (; bit 5 of INTC), caused by a timer 0 overflow.
When the interrupt is enabled, the stack is not full and
the T0F bit is set, a subroutine call to location 08H will
occur. The related interrupt request flag (T0F) will be re-
set and the EMI bit cleared to disable further interrupts.
The internal timer/even counter 1 interrupt is initialized
by setting the Timer/Event Counter 1 interrupt request
flag (;bit 6 of INTC), caused by a timer 1 overflow. When
the interrupt is enabled, the stack is not full and the T1F
is set, a subroutine call to location 0CH will occur. The
related interrupt request flag (T1F) will be reset and the
EMI bit cleared to disable further interrupts.
Bit No.
Label
Function
0
EMI
Controls the master (global) interrupt (1= enabled; 0= disabled)
1
EUI
Controls the USB interrupt (1= enabled; 0= disabled)
2
ET0I
Controls the Timer/Event Counter 0 interrupt (1= enabled; 0= disabled)
3
ET1I
Controls the Timer/Event Counter 1 interrupt (1= enabled; 0= disabled)
4
USBF
USB interrupt request flag (1= active; 0= inactive)
5
T0F
Internal Timer/Event Counter 0 request flag (1= active; 0= inactive)
6
T1F
Internal Timer/Event Counter 1 request flag (1= active; 0= inactive)
7
¾
Unused bit, read as
²0²
INTC (0BH) Register


Similar Part No. - HT82K96E_07

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K96E HOLTEK-HT82K96E Datasheet
325Kb / 46P
   8-Bit USB Multimedia Keyboard Encoder OTP MCU
More results

Similar Description - HT82K96E_07

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K96E HOLTEK-HT82K96E Datasheet
325Kb / 46P
   8-Bit USB Multimedia Keyboard Encoder OTP MCU
HT82K68E HOLTEK-HT82K68E_07 Datasheet
270Kb / 39P
   Multimedia Keyboard Encoder 8-Bit OTP MCU
HT82K94E HOLTEK-HT82K94E_07 Datasheet
305Kb / 43P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E Datasheet
321Kb / 44P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95E HOLTEK-HT82K95E_14 Datasheet
268Kb / 42P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95EE HOLTEK-HT82K95EE Datasheet
327Kb / 45P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95E HOLTEK-HT82K95E Datasheet
347Kb / 48P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95EE HOLTEK-HT82K95EE_12 Datasheet
325Kb / 43P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E_14 Datasheet
261Kb / 43P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K96A HOLTEK-HT82K96A Datasheet
348Kb / 46P
   USB Multimedia Keyboard Encoder 8-Bit Mask MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com