Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82M25X Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82M25X
Description  3/5-Key USBPS/2 Optical Mouse Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M25X Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82M25X Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HT82M25X
Rev. 1.00
5
May 14, 2007
Functional Description
PS/2 Mouse
· PS/2 status byte
¨ Byte 1
Bit 7: Reserved
Bit 6: 0=Stream Mode, 1=Remote Mode
Bit 5: 0=Disabled, 1=Enabled
Bit 4: 0=Scaling 1:1, 1=Scaling 2:1
Bit 3: 1=Wrap Mode, 0=Stream or Remote
(different from IBM specs.)
Bit 2: 1=Left Button Pressed
Bit 1: 1=Middle Button Pressed
Bit 0: 1=Right Button Pressed
¨ Byte 2
Bit 0~7 current resolution setting
(Bit 0=LSB)
¨ Byte 3
Bit 0~7 current sampling rate (Bit 0=LSB)
· Standard PS/2 data format
(HT82M25A/HT82M25A-1, HT82M25B/HT82M25B-1)
Bit No.
76543210
1st word
YV
XV
YS
XS
1
M
R
L
2nd word
X7
X6
X5
X4
X3
X2
X1
X0
3rd word
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
· Data format for 3D PS/2
(HT82M25A/HT82M25A-1, HT82M25B/HT82M25B-1)
Bit No.
76543210
1st word
YV
XV
YS
XS
1
M
R
L
2nd word
X7
X6
X5
X4
X3
X2
X1
X0
3rd word
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
4th word
Z7
Z6
Z5
Z4
Z3
Z2
Z1
Z0
Note:
The X/Y data report is 9-bit 2
¢s complement
The Z data report is 8-bit 2
¢s complement
· Data format for 5-button Wheel Mouse
(HT82M25A/HT82M25A-1)
Bit No.
76543210
1st word
0
0
YS
XS
1
M
R
L
2nd word
X7
X6
X5
X4
X3
X2
X1
X0
3rd word
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
4th word
0
0
RB1 RB0 Z3
Z2
Z1
Z0
Note:
X- movement towards the right is positive, mov-
ing towards the left is negative
Y- upward movement is positive, moving down
is negative
Z- rolling towards the user is positive, otherwise
negative
Button status: 1=pressed, 0=released
· For the HT82M25B/HT82M25B-1, HT82M25C/
HT82M25C-1, the mouse mode changes between
Standard and 3D PS/2 mode.
Sending the commands in the following sequence will
set the mouse to the 3D PS/2 mode.
Command
Response From Mouse
F3h
FAh
C8h
FAh
F3h
FAh
64h
FAh
F3h
FAh
50h
FAh
F2h
FAh, 03h
· For the HT82M25A/HT82M25A-1, the mouse mode
changes between Standard and Windows 2000 PS/2
mode.
Sending the commands in the following sequence will
set the mouse to the Windows 2000 PS/2 mode.
Command
Response From Mouse
F3h
FAh
C8h
FAh
F3h
FAh
C8h
FAh
F3h
FAh
50h
FAh
F2h
FAh, 04h
¨ At any time the PC sends a reset
²FFh² command
to the mouse, it will reset the mouse to Standard
PS/2 mode.
After a power-on reset is initiated, the mouse is set to
Standard PS/2 mode.
· USB mouse data format for 3D mode
(HT82M25A/HT82M25A-1, HT82M25B/HT82M25B-1,
HT82M25C/HT82M25C-1)
Bit No.
76543210
1st word
00000
M
R
L
2nd word
X7
X6
X5
X4
X3
X2
X1
X0
3rd word
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
4th word
Z7
Z6
Z5
Z4
Z3
Z2
Z1
Z0


Similar Part No. - HT82M25X

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
HT82M22A HOLTEK-HT82M22A Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
More results

Similar Description - HT82M25X

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M23A HOLTEK-HT82M23A Datasheet
169Kb / 14P
   3/5-Key USBPS/2 Optical Mouse Controller
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M30A HOLTEK-HT82M30A Datasheet
177Kb / 13P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M32A HOLTEK-HT82M32A Datasheet
168Kb / 11P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M35X HOLTEK-HT82M35X Datasheet
104Kb / 7P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
   3-Key 3D USBPS/2 Mouse Controller
logo
ELAN Microelectronics C...
EKM8053 EMC-EKM8053 Datasheet
623Kb / 16P
   USB & PS/2 Optical Mouse Controller
EKM8050 EMC-EKM8050 Datasheet
487Kb / 9P
   USB & PS/2 Optical Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com