Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82M25X Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT82M25X
Description  3/5-Key USBPS/2 Optical Mouse Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M25X Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT82M25X Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 9Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 10Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 11Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 12Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Product Tape and Reel Specifications
Reel Dimensions
SOP 18W
Symbol
Description
Dimensions in mm
A
Reel Outer Diameter
330
±1.0
B
Reel Inner Diameter
62
±1.5
C
Spindle Hole Diameter
13.0+0.5
-0.2
D
Key Slit Width
2.0
±0.5
T1
Space Between Flange
24.8+0.3
-0.2
T2
Reel Thickness
30.2
±0.2
SOP 20W
Symbol
Description
Dimensions in mm
A
Reel Outer Diameter
330
±1.0
B
Reel Inner Diameter
62
±1.5
C
Spindle Hole Diameter
13.0+0.5
-0.2
D
Key Slit Width
2.0
±0.5
T1
Space Between Flange
24.8+0.3
-0.2
T2
Reel Thickness
30.2
±0.2
HT82M25X
Rev. 1.00
11
May 14, 2007
A
C
B
T 1
T 2
D


Similar Part No. - HT82M25X

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
HT82M22A HOLTEK-HT82M22A Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
More results

Similar Description - HT82M25X

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M23A HOLTEK-HT82M23A Datasheet
169Kb / 14P
   3/5-Key USBPS/2 Optical Mouse Controller
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M30A HOLTEK-HT82M30A Datasheet
177Kb / 13P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M32A HOLTEK-HT82M32A Datasheet
168Kb / 11P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M35X HOLTEK-HT82M35X Datasheet
104Kb / 7P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
   3-Key 3D USBPS/2 Mouse Controller
logo
ELAN Microelectronics C...
EKM8053 EMC-EKM8053 Datasheet
623Kb / 16P
   USB & PS/2 Optical Mouse Controller
EKM8050 EMC-EKM8050 Datasheet
487Kb / 9P
   USB & PS/2 Optical Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com