Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10ETF12PBPBF Datasheet(PDF) 3 Page - International Rectifier

Part # 10ETF12PBPBF
Description  FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETF12PBPBF Datasheet(HTML) 3 Page - International Rectifier

  10ETF12PBPBF Datasheet HTML 1Page - International Rectifier 10ETF12PBPBF Datasheet HTML 2Page - International Rectifier 10ETF12PBPBF Datasheet HTML 3Page - International Rectifier 10ETF12PBPBF Datasheet HTML 4Page - International Rectifier 10ETF12PBPBF Datasheet HTML 5Page - International Rectifier 10ETF12PBPBF Datasheet HTML 6Page - International Rectifier 10ETF12PBPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
10ETF12FPPbF QUIET
IR Series
Bulletin I2194 12/04
www.irf.com
T
J
Max. Junction Temperature Range
- 40 to 150
°C
T
stg
Max. Storage Temperature Range
- 40 to 150
°C
R
thJC Max. Thermal Resistance Junction
2.5
°C/W
DC operation
to Case
R
thJA Max. Thermal Resistance Junction
62
°C/W
to Ambient
R
thCS Typical Thermal Resistance, Case to
0.5
°C/W
Mounting surface , smooth and greased
Heatsink
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Case Style
TO-220ACFULLPAK
JEDEC
Thermal-Mechanical Specifications
Parameters
10ETF..FP Units
Conditions
Kg-cm
(Ibf-in)
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
0
2
4
6
8
10
12
14
16
024
68
10
RMSLimit
180°
120°
90°
60°
30°
Conduction Angle
Average Forward Current (A)
10.TF.. Series
T = 150°C
J
0
4
8
12
16
20
24
0
2
4
6
8
10
12
14
16
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average Forward Current (A)
10ETF.. Series
T = 150°C
J
Average Forward Current (A)
Average Forward Current (A)
70
80
90
100
110
120
130
140
150
0
2
4
6
8
10
12
30˚
60˚
90˚
120˚
180˚
Conduction Angle
10ETF.. Series
RthJC (DC) = 2.5 ˚C/W
70
80
90
100
110
120
130
140
150
0
2
4
6
8
10 12 14 16 18
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
10ETF.. Series
RthJC (DC) = 2.5 ˚C/W


Similar Part No. - 10ETF12PBPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETF12PBF IRF-10ETF12PBF Datasheet
235Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
10ETF12PBF VISHAY-10ETF12PBF Datasheet
838Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 15-Apr-08
More results

Similar Description - 10ETF12PBPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETF06PBF IRF-10ETF06PBF Datasheet
241Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
40EPF06PBF IRF-40EPF06PBF Datasheet
165Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
20ETF12SPBF IRF-20ETF12SPBF Datasheet
233Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free (PbF suffix)
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
   Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
   Fast Soft Recovery Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com