Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN241 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # AN241
Description  2.4 GHZ ZIGBEE?줟ETWORK APPLICATION INTERFACE PROGRAMMERS GUIDE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN241 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button AN241 Datasheet HTML 6Page - Silicon Laboratories AN241 Datasheet HTML 7Page - Silicon Laboratories AN241 Datasheet HTML 8Page - Silicon Laboratories AN241 Datasheet HTML 9Page - Silicon Laboratories AN241 Datasheet HTML 10Page - Silicon Laboratories AN241 Datasheet HTML 11Page - Silicon Laboratories AN241 Datasheet HTML 12Page - Silicon Laboratories AN241 Datasheet HTML 13Page - Silicon Laboratories AN241 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
AN241
10
Rev. 0.1
4.1.3. Indication
Description:
Indication written to nlmeConfirm global.
Results:
nlmeConfirm.confirmId = N_DATA_IND;
nlmeConfirm.buffer structure:
typedef struct
{
WORD
srcAddress;
BYTE
linkQuality;
BYTE
nsduLength;
BYTE
*pNsdu;
}NLDE_DATA_INDICATION;
(defined in HS_NET.h)
WORD srcAddress
The individual device address from which the NSDU originated.
BYTE linkQuality
The link quality indication delivered by the MAC on receipt of this frame as a parameter of
the MCPS-DATA.indication primitive.
BYTE nsduLength
The number of octets comprising the NSDU being indicated.
BYTE* pNsdu
The pointer to the set of octets comprising the NSDU being indicated.
4.1.4. Confirm
Description:
Confirmation written to nlmeConfirm global.
Results:
nlmeConfirm.confirmId = N_DATA_CFM;
nlmeConfirm.buffer structure:
typedef struct
{
NWK_ENUM
status;
BYTE
nsduHandle;
}NLDE_DATA_CONFIRM;
(defined in HS_NET.h)
NWK_ENUM status
INVALID_REQUEST or any status values returned from security suite or the
MCPSDATA.confirm primitive (SUCCESS | TRANSACTION_OVERFLOW |
TRANSACTION_EXPIRED | CHANNEL_ACCESS_FAILURE | INVALID_GTS |
NO_ACK | UNAVAILABLE_KEY | FRAME_TOO_LONG | FAILED_SECURITY_CHECK)
BYTE nsduHandle
A handle to this packet from the mcpsDataRequest() function.


Similar Part No. - AN241

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN241 ETC2-AN241 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
STMicroelectronics
AN2415 STMICROELECTRONICS-AN2415 Datasheet
307Kb / 11P
   Using the output detection feature of the high-brightness
AN2419 STMICROELECTRONICS-AN2419 Datasheet
277Kb / 22P
   STR75x hardware development getting started
More results

Similar Description - AN241

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN169 SILABS-AN169 Datasheet
156Kb / 36P
   PROGRAMMERS GUIDE
logo
RF Monolithics, Inc
ZMN2405HP RFM-ZMN2405HP Datasheet
326Kb / 6P
   2.4 GHz ZigBee Transceiver Module
logo
Texas Instruments
CC2480 TI-CC2480_11 Datasheet
953Kb / 48P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee Processor
logo
Dorji Industrial Group ...
DZM5168M DORJI-DZM5168M Datasheet
293Kb / 17P
   2.4-GHz Low Energy Zigbee Module
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
   Low Power 2.4 GHz Transceiver for ZigBee
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Skyworks Solutions Inc.
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
2Mb / 15P
   2.4-2.5 GHz WLAN/Zigbee Power Amplifier
logo
Texas Instruments
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
DK-EM2-2520Z TI-DK-EM2-2520Z Datasheet
91Kb / 2P
[Old version datasheet]   2.4 GHz ZigBee Wireless Networking on Stellaris짰
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com