Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2544 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2544
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2544 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2544 Datasheet HTML 4Page - Semtech Corporation SC2544 Datasheet HTML 5Page - Semtech Corporation SC2544 Datasheet HTML 6Page - Semtech Corporation SC2544 Datasheet HTML 7Page - Semtech Corporation SC2544 Datasheet HTML 8Page - Semtech Corporation SC2544 Datasheet HTML 9Page - Semtech Corporation SC2544 Datasheet HTML 10Page - Semtech Corporation SC2544 Datasheet HTML 11Page - Semtech Corporation SC2544 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
 2005 Semtech Corp.
www.semtech.com
SC2544
POWER MANAGEMENT
Overview
Overview
Overview
Overview
Overview
The SC2544 is a constant frequency 2-phase voltage
mode step-down PWM switching controller driving all
N-channel MOSFETs. The two channels of the controller
operate at 180 degree out of phase from each other.
Since input currents are interleaved in a two-phase
converter, input ripple current is lower and smaller
input capacitance can be used for filtering. Also, with
lower inductor current and smaller inductor ripple
current per phase, overall I2 R losses are reduced.
Frequency Setting
Frequency Setting
Frequency Setting
Frequency Setting
Frequency Setting
The
frequency
of
the
SC2544
is
user-
programmable.The oscillator of SC2544 can be pro-
grammed with an external resistor from the Rosc
pin to the ground. The
step-down controller is ca-
pable of operating up to 300KHz. The relationship
between oscillation frequency versus oscillation resis-
tor is shown in Figure 1.
The advantages of using constant frequency
operation are simple passive component selection and
ease of feedback compensation. Before setting the
operating frequency, the following trade-offs should
be considered.
1) Passive component size
2) Circuitry efficiency
3) EMI condition
4) Minimum switch on time
5) Maximum duty ratio
For a given output power, the sizes of the passive
components are inversely proportional to the switching
frequency, whereas MOSFETs/Diodes switching losses
are proportional to the operating frequency. Other
issues such as heat dissipation, packaging and cost
issues are also to be considered. The frequency bands
for signal transmission should be avoided because of
EM interference.
50
100
150
200
250
300
350
Rosc (KOHM)
Figure 1. Switching frequency versus Rosc.
This soft start scheme will ensure the duty cycle to
increase slowly, therefore limiting the charging
current into the output capacitor and also ensuring
the inductor does not saturate. The soft start
capacitor will eventually be charged up to 2.5V.
The soft-start sequence is initiated when EN pin is
high and Vcc >4.5V or during recovery from a fault
condition ( OCP, OVP, or UVLO).
The period of start up can be programed by the
soft start capacitor:
A
V
Css
Tss
µ
84
5
.
2
×
=
Soft Start
Soft Start
Soft Start
Soft Start
Soft Start
During start-up, the reference voltage of the error
amplifier equals 30% of the voltage on Css (soft-
start capacitor) which is connected between the SS
pin and ground. When the controller is enabled (by
pulling EN pin high), one internal 84uA current
source, I
SS, (soft start current) will charge the soft-
start capacitor gradually. The PWM output starts
pulsing when the soft start voltage reaches 1V.
Shutdown
Shutdown
Shutdown
Shutdown
Shutdown
When the EN pin is pulled low, an internal 15uA
current source discharges the soft-start capacitor
and DRVH/DRVL signals stop pulsing. The output
voltage ramps down at a rate determined by the
load condition.
The SC2544 can also be shutdown by pulling down
directly on the SS pin. The designer needs to
consider the slope of the SS pin voltage and choose
a suitable pull down resistor to prevent the output
from undershooting.
Shutdown can also be triggered when an OCP condi-
tion occurs. When an OCP condition is detected,
DRVH and DRVL will stop pulsing and enter a “tri-
state shutdown” with the output voltage ramping
down at a rate determined by the load condition.
The internal 15uA current source will begin dis-
charging the soft-start capacitor and when the
soft-start voltage reaches 0.65V, DRVL will go high.
Applications Information


Similar Part No. - SC2544

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SC2540 SHUNYE-SC2540 Datasheet
260Kb / 2P
   25 AMP SOZA CELL
logo
Semtech Corporation
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542EVB SEMTECH-SC2542EVB Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542TETRT SEMTECH-SC2542TETRT Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
More results

Similar Description - SC2544

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2442 SEMTECH-SC2442 Datasheet
332Kb / 10P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
   Wide Input Range High Performance Synchronous Buck Switching Controller
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com