Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2441AEVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 4Page - Semtech Corporation SC2441AEVB Datasheet HTML 5Page - Semtech Corporation SC2441AEVB Datasheet HTML 6Page - Semtech Corporation SC2441AEVB Datasheet HTML 7Page - Semtech Corporation SC2441AEVB Datasheet HTML 8Page - Semtech Corporation SC2441AEVB Datasheet HTML 9Page - Semtech Corporation SC2441AEVB Datasheet HTML 10Page - Semtech Corporation SC2441AEVB Datasheet HTML 11Page - Semtech Corporation SC2441AEVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
8
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Block Diagram
Figure 2 Functional Diagram of the Step-down Controllers
IN
OSCILLATOR
AND
PHASE
DETECTOR
SLOPE1
+
ILIM1
CLK2
R
Q
S
OL1
Soft-Start
And
Overload
Hiccup
Control 1
UVLO
4.3V/4.5V
Adaptive
Shoot-through
Protection
PWM1
ROSC
CS1+
CS1-
CLK1
-
+
+
REFERENCE
+
-
ISEN1
+
-
S
DSBL1
VCC
BST1
GDH1
GDL1
PGND1
25mV
23
25
24
SS1/EN1
3
21
22
5
1
FB1
11
10
6
4
FAULT
GND
9
COMP1
12
VIN UVLO
0.5V
0.35V
FREQUENCY
DIVIDER
CLK
1.25V
1.6/1.7V
SLOPE COMP
SHDN
SLOPE2
SHDN
SYNC/SHDN
GDH2
GDL2
19
18
PLLF
2
20
BST2
VCC
SLOPE2
I
+
ILIM2
R
Q
S
OL2
Soft-Start
And
Overload
Hiccup
Control 2
PWM2
FB2
CS2-
-
+
+
+
-
ISEN2
+
-
25mV
S
DSBL2
COMP2
15
14
CS2+
16
13
SEL
CLK2
1.25V
-
+
ANALOG
SWITCH
SS2/EN2
17
SEL
A
Y
B
Adaptive
Shoot-through
Protection
EA1
0.5V
-
+
+
1.25V
2R
R
CKOUT
28
TG1ON
1.25V
2R
R
TG2ON
EA2
0.5V
-
+
+
-
1.25V
-
1.25V
CH 1
CH 2
A1
MUX
A2
A3


Similar Part No. - SC2441AEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2441AEVB SEMTECH-SC2441AEVB Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
More results

Similar Description - SC2441AEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2441A SEMTECH-SC2441A_09 Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441 SEMTECH-SC2441 Datasheet
718Kb / 35P
   Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
logo
Monolithic Power System...
MP28251 MPS-MP28251 Datasheet
634Kb / 15P
   20V, 4A Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9370B BELLING-BL9370B Datasheet
555Kb / 10P
   2A, 20V Synchronous Step-Down Converter
BL9320 BELLING-BL9320 Datasheet
652Kb / 11P
   2A, 20V Synchronous Step-Down Converter
logo
Monolithic Power System...
MP9186 MPS-MP9186 Datasheet
866Kb / 16P
   20V, 6A Synchronous Step-Down Converter
logo
Linear Technology
LTC3869 LINER-LTC3869 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869 LINER-LTC3869_15 Datasheet
524Kb / 42P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869EUFD LINER-LTC3869EUFD Datasheet
313Kb / 8P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869-2 LINER-LTC3869-2_15 Datasheet
524Kb / 42P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com