Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4524SETRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4524SETRT
Description  Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524SETRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4524SETRT Datasheet HTML 3Page - Semtech Corporation SC4524SETRT Datasheet HTML 4Page - Semtech Corporation SC4524SETRT Datasheet HTML 5Page - Semtech Corporation SC4524SETRT Datasheet HTML 6Page - Semtech Corporation SC4524SETRT Datasheet HTML 7Page - Semtech Corporation SC4524SETRT Datasheet HTML 8Page - Semtech Corporation SC4524SETRT Datasheet HTML 9Page - Semtech Corporation SC4524SETRT Datasheet HTML 10Page - Semtech Corporation SC4524SETRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
ã 2006 Semtech Corp.
www.semtech.com
SC4524
POWER MANAGEMENT
Typical Characteristics
A7ÃP‰r…y‚hqÃUu…r†u‚yqÃ
‰†ÃUr€ƒr…h‡ˆ…r






 



  
Ur€ƒr…h‡ˆ…rÃ8
A7
ÃU
yq
ÃW

W,1ÃRˆvr†pr‡Ã8ˆ……r‡Ã‰†ÃW,1

!
"
#

$

$
!
!$
"
W,1ÃW
W
,1
Ã8
ˆ…
…r
‡
À
6

U$Ã2Ã!$ƒ8
W,1 Rˆvr†pr‡Ã8ˆ……r‡ ‰† W66










966 9
9
,1
&
XU
UH
QW
P
$
7$ ƒ&
9,1 9
9&203 
W,1 Tuˆ‡q‚Ã8ˆ……r‡ ‰† W,1

$

$
!

$

$
!
!$
"
9,1 9
W
,1
8
ˆ…
…r
‡
Ãm
6

W66 2Ã
U$ 2Ã!$ƒ8


Similar Part No. - SC4524SETRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4524A SEMTECH-SC4524A Datasheet
740Kb / 18P
   28V 2A Step-Down Switching Regulator
SC4524A SEMTECH-SC4524A Datasheet
776Kb / 19P
   28V 2A Step-Down Switching Regulator
SC4524AEVB SEMTECH-SC4524AEVB Datasheet
740Kb / 18P
   28V 2A Step-Down Switching Regulator
SC4524AEVB SEMTECH-SC4524AEVB Datasheet
776Kb / 19P
   28V 2A Step-Down Switching Regulator
SC4524ASETRT SEMTECH-SC4524ASETRT Datasheet
740Kb / 18P
   28V 2A Step-Down Switching Regulator
More results

Similar Description - SC4524SETRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2620 SEMTECH-SC2620_08 Datasheet
536Kb / 26P
   Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
SC2620 SEMTECH-SC2620 Datasheet
586Kb / 26P
   Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
SC4524D SEMTECH-SC4524D Datasheet
790Kb / 21P
   18V 2A Step-Down Switching Regulator 2A Output Current
logo
Shenzhen Huazhimei Semi...
HM1482D HMSEMI-HM1482D Datasheet
1Mb / 7P
   30V 2A Synchronous Step-Down Regulator
logo
Semtech Corporation
SC2440A SEMTECH-SC2440A Datasheet
4Mb / 28P
   Dual 30V Step-Down Switching Regulator with 2A Switches
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
   2A STEP DOWN SWITCHING REGULATOR
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
   2A step-down switching regulator
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
   2A STEP DOWN SWITCHING REGULATOR
May 2000
logo
Semtech Corporation
SC4530 SEMTECH-SC4530 Datasheet
1Mb / 23P
   30V, 300mA Output Micropower Step-Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM8114 HMSEMI-HM8114 Datasheet
1Mb / 7P
   30V 2A 500KHz Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com