Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT273ME4 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD74ACT273ME4
Description  Octal D Flip-Flop with Reset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT273ME4 Datasheet(HTML) 5 Page - Texas Instruments

  CD74ACT273ME4 Datasheet HTML 1Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 2Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 3Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 4Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 5Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 6Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 7Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 8Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Prerequisite For Switching Function
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
AC TYPES
Data to CP Set-Up Time
tSU
1.5
2
-
2
-
ns
3.3
(Note 9)
2-2-
ns
5
(Note 10)
2-2-
ns
Hold Time
tH
1.5
2
-
2
-
ns
3.3
2
-
2
-
ns
52
-
2
-
ns
Removal Time, MR to CP
tREM
1.5
2
-
2
-
ns
3.3
2
-
2
-
ns
52
-
2
-
ns
MR Pulse Width
tW
1.5
55
-
63
-
ns
3.3
6.1
-
7
-
ns
5
4.4
-
5
-
ns
CP Pulse Width
tW
1.5
55
-
63
-
ns
3.3
6.1
-
7
-
ns
5
4.4
-
5
-
ns
CP Frequency
fMAX
1.5
9
-
8
-
MHz
3.3
81
-
71
-
MHz
5
114
-
100
-
MHz
ACT TYPES
Data to CP Set-Up Time
tSU
5
(Note 10)
2-2-
ns
Hold Time
tH
52
-
2
-
ns
Removal Time MR to CP
tREM
52
-
2
-
ns
MR Pulse Width
tW
5
4.4
-
5
-
ns
CP Pulse Width
tW
5
5.3
-
6
-
ns
CP Frequency
fMAX
5
97
-
85
-
MHz
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay,
CP to Qn
tPLH, tPHL
1.5
-
-
154
-
-
169
ns
3.3
(Note 9)
4.9
-
17.2
4.7
-
18.9
ns
5
(Note 10)
3.5
-
12.3
3.4
-
13.5
ns
CD54AC273, CD74AC273, CD54ACT273, CD74ACT273


Similar Part No. - CD74ACT273ME4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT273ME4 TI-CD74ACT273ME4 Datasheet
301Kb / 15P
[Old version datasheet]   Octal D Flip-Flop with Reset
More results

Similar Description - CD74ACT273ME4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC273 TI-CD54AC273 Datasheet
301Kb / 15P
[Old version datasheet]   Octal D Flip-Flop with Reset
logo
Harris Corporation
CD54AC273 HARRIS-CD54AC273 Datasheet
10Kb / 1P
   Octal D Flip-Flop with Reset
logo
Texas Instruments
CD54AC273 TI-CD54AC273_08 Datasheet
485Kb / 17P
[Old version datasheet]   Octal D Flip-Flop with Reset
logo
KODENSHI_AUK CORP.
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
logo
Pericom Semiconductor C...
P174FCT2273T PERICOM-P174FCT2273T Datasheet
49Kb / 4P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
7028L20PFI IDT-7028L20PFI Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
logo
Pericom Semiconductor C...
PI74FCT273T PERICOM-PI74FCT273T Datasheet
148Kb / 6P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integral Corp.
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
ON Semiconductor
MC74HC273 ONSEMI-MC74HC273 Datasheet
195Kb / 8P
   OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET
May, 2000 ??Rev. 9
logo
Integral Corp.
IN74HC273A INTEGRAL-IN74HC273A Datasheet
148Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com