Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB365 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SMB365
Description  Three-axis accelerometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMB365 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SMB365 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 9Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 10Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 11Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 12Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 13Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Preliminary Datasheet
SMB365
Three-axis accelerometer
Bosch Sensortec
5
Operation
5.1
General Description
The SMB365 is a triaxial low-g acceleration sensor. It allows measurements of static as well as dynamic
accelerations in all three dimensions. Due to its three perpendicular axes it gives the absolute orientation
in a gravity field. The sensor is set up as a two-chip arrangement in a standard mold package. An
application-specific IC evaluates the output of a three-channel micromechanical acceleration-sensing
element that works according to the differential capacitance principle.
The ASIC is produced in a standard CMOS process. The production of the sensing element is based on
standard semiconductor process steps followed by special steps providing the functional structure. These
steps start with the deposition of a thick epitaxial layer on a sacrificial oxide. The large thickness allows
the design of working capacitances of up to 1pF. This in turn enables the hybrid two-chip assembly. The
poly layer is patterned by deep reactive ion etching in an inductive coupled plasma (DRIE-ICP, the so-
called Bosch process). A large aspect ratio and a very high anisotropy is achieved by periodic passivation
of the side walls in between the etch intervals. Afterwards the sacrificial layer is removed. Eventually the
sensing element is hermetically sealed by a bulk mircromachined cap to prevent damages of the
structure by dicing, packaging and operation of the device. The encapsulation is performed in a
cleanroom environment to reduce the risk of particle contamination to a minimum. Finally, the sensor is
packaged in a standard surface mountable micro leadframe QFN housing. Here the ASIC is stacked onto
the sensing element.
In the ASIC, three different so called self-balancing bridges convert the change of capacitances into
voltages. These signals are preconditioned by first order 50Hz filters and then multiplexed, amplified and
converted into a digital output signal.
Self-Balancing
Bridge X-axis
Self-Balancing
Bridge Y-Axis
Self-Balancing
Bridge Z-Axis
SPI
EEPROM
Amplifier
SCK
CSB
MISO
MOSI
VDDD
VDDA
VSS
MUX
Low-Pass
Filter (30Hz)
Low-Pass
Filter (30Hz)
Low-Pass
Filter (30Hz)
C
1x
C
2x
C
1y
C
2y
Sensing Element
ADC
ADC
PTAT
INT
C
1z
C
2z
ASIC
(50Hz)
(50Hz)
(50Hz)
5.2
Operation Modes and Sensitivity Resolution
The sensor can be operated in three different modes:
normal mode
low-power mode
standby mode.
The different modes are chosen via the SPI interface (see EEPROM mapping). In normal mode the
sensor reaches its full performance. In the low-power (interrupt) mode the sensor is fully functional but
Rev. 1.2
Page 10
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as
copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
7211RB11
.


Similar Part No. - SMB365

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB36 LITEON-SMB36 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB36 MIC-SMB36 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB36 LUGUANG-SMB36 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
GOOD-ARK Electronics
SMB360U GOOD-ARK-SMB360U Datasheet
491Kb / 5P
   Ultra fast Boost Rectifier
logo
Lite-On Technology Corp...
SMB36A LITEON-SMB36A Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMB365

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
Analog Devices
EVAL-ADXL330Z AD-EVAL-ADXL330Z Datasheet
69Kb / 2P
   Three-Axis Accelerometer Evaluation Board
REV. 0
logo
Freescale Semiconductor...
MMA7455L FREESCALE-MMA7455L Datasheet
536Kb / 27P
   Three Axis Low-g Digital Output Accelerometer
D3172MMA7361LC FREESCALE-D3172MMA7361LC Datasheet
463Kb / 35P
   Three Axis Low-g Digital Output Accelerometer
MMA7368L FREESCALE-MMA7368L Datasheet
158Kb / 11P
   짹1.5g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7368L NXP-MMA7368L Datasheet
204Kb / 11P
   짹1.5g Three Axis Low-g Micromachined Accelerometer
Rev 0, 05/2008
logo
Freescale Semiconductor...
MMA7368LT FREESCALE-MMA7368LT Datasheet
164Kb / 11P
   ,-1.5g Three Axis Low-g Micromachined Accelerometer
logo
List of Unclassifed Man...
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
   Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
   Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com