Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC624A Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC624A
Description  LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and I2C Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC624A Datasheet(HTML) 1 Page - Semtech Corporation

  SC624A Datasheet HTML 1Page - Semtech Corporation SC624A Datasheet HTML 2Page - Semtech Corporation SC624A Datasheet HTML 3Page - Semtech Corporation SC624A Datasheet HTML 4Page - Semtech Corporation SC624A Datasheet HTML 5Page - Semtech Corporation SC624A Datasheet HTML 6Page - Semtech Corporation SC624A Datasheet HTML 7Page - Semtech Corporation SC624A Datasheet HTML 8Page - Semtech Corporation SC624A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
POWER MANAGEMENT
1
SC624A
LED Light Management Unit
Charge Pump, 4 LEDs, Dual LDOs,
and I2C Interface
© 2007 Semtech Corporation
Features
Input supply voltage range — 3.0V to 5.5V
Charge pump modes — 1x, 1.5x and 2x
Four programmable current sinks with 32 steps from
0.5mA to 25mA
Two user-configurable 100mA low-noise LDO
regulators
Charge pump frequency — 250kHz
I2C compatible interface — up to 400kHz
Backlight current accuracy ±1.5% typical
Backlight current matching ±0.5% typical
Programmable fade-in/fade-out for main backlight
Automatic sleep mode (LEDs off ) I
Q
= 100μA
Low shutdown current — 0.1μA (typical)
Ultra-thin package — 3mm x 3mm x 0.6mm
Fully WEEE and RoHS compliant
Applications
Cellular phone backlighting
PDA backlighting
Camera I/O and core power
Description
The SC624A is a high efficiency charge pump LED driver
using Semtech’s proprietary mAhXLifeTM technology.
Performance is optimized for use in single-cell Li-ion
battery applications.
The
charge
pump
provides
backlight
current
in
conjunction with four matched current sinks. The load
and supply conditions determine whether the charge
pump operates in 1x, 1.5x, or 2x mode. An optional fading
feature that gradually adjusts the backlight current is
provided to simplify control software. The SC624A also
provides two low-dropout, low-noise linear regulators for
powering a camera module or other peripheral circuits.
The SC624A uses an I2C compatible serial interface. The
interface controls all functions of the device, including
backlight current and two LDO voltage outputs.
In sleep mode, the device reduces quiescent current to
100
μA while continuing to monitor the serial interface.
The two LDOs can be enabled when the device is in sleep
mode. Total current reduces to 0.1μA in shutdown.
SC624A
VIN
SDA
BYP
AGND
PGND
VOUT
BL 1
BL 2
BL 3
BL 4
CIN
1μF
MAIN BACKLIGHT
LDO 1
LDO 2
1
C+ C1- C2+ C2-
I2C Data
VLDO1 = 2.5V to 3.3V
VLDO2 = 1.5V to 1.8V
Enable Control
I2C Clock
SCL
EN
VBAT
CBYP
22nF
C1
1μF
C2
1μF
COUT
2.2μF
CLDO2
1μF
CLDO1
1μF
US Patents: 6,504,422; 6,794,926
Typical Application Circuit
June 27, 2007


Similar Part No. - SC624A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC624A SEMTECH-SC624A Datasheet
302Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and I2C Interface
SC624AEVB SEMTECH-SC624AEVB Datasheet
302Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and I2C Interface
SC624AULTRT SEMTECH-SC624AULTRT Datasheet
302Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and I2C Interface
SC624A SEMTECH-SC624A_09 Datasheet
302Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and I2C Interface
More results

Similar Description - SC624A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC624A SEMTECH-SC624A_09 Datasheet
302Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and I2C Interface
SC627A SEMTECH-SC627A Datasheet
380Kb / 24P
   LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and I2C Interface
SC621A SEMTECH-SC621A_09 Datasheet
320Kb / 24P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
SC627A SEMTECH-SC627A_09 Datasheet
321Kb / 24P
   LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED,Dual LDOs, and I2C Interface
SC624 SEMTECH-SC624_09 Datasheet
295Kb / 22P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and SemWireTM Interface
SC624 SEMTECH-SC624 Datasheet
288Kb / 22P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and SemWireTM Interface
SC622A SEMTECH-SC622A Datasheet
313Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
SC622A SEMTECH-SC622A_09 Datasheet
308Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED,Dual LDOs,and I2C Interface
SC627 SEMTECH-SC627 Datasheet
362Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
SC621 SEMTECH-SC621 Datasheet
307Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com