Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC622 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC622
Description  LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC622 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC622 Datasheet HTML 11Page - Semtech Corporation SC622 Datasheet HTML 12Page - Semtech Corporation SC622 Datasheet HTML 13Page - Semtech Corporation SC622 Datasheet HTML 14Page - Semtech Corporation SC622 Datasheet HTML 15Page - Semtech Corporation SC622 Datasheet HTML 16Page - Semtech Corporation SC622 Datasheet HTML 17Page - Semtech Corporation SC622 Datasheet HTML 18Page - Semtech Corporation SC622 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
SC622
15
PCB Layout Considerations
The layout diagram in Figure 1 illustrates a proper
two-layer PCB layout for the SC622 and supporting
components.
Following fundamental layout rules is
critical for achieving the performance specified in the
Electrical Characteristics table. The following guidelines
are recommended when developing a PCB layout:
Place all bypass and decoupling capacitors —
C1, C2, CIN, COUT, CLDO1, CLDO2, and CBYP as
close to the device as possible.
All charge pump current passes through VIN,
VOUT, and the bucket capacitor connection
pins. Ensure that all connections to these pins
make use of wide traces so that the resistive
drop on each connection is minimized.
The thermal pad should be connected to the
ground plane using multiple vias to ensure
proper thermal connection for optimal heat
transfer.
Applications Information (continued)
Make all ground connections to a solid
ground plane as shown in the example layout
(Figure 3).
If a ground layer is not feasible, the following
groupings should be connected:
PGND — CIN, COUT
AGND — Ground Pad, CLDO1, CLDO2,
CBYP
If no ground plane is available, PGND and
AGND should be routed back to the negative
battery terminal as separate signals using thick
traces. Joining the two ground returns at the
terminal prevents large pulsed return currents
from mixing with the low-noise return currents
of the LDOs.
Both LDO output traces should be made as
wide as possible to minimize resistive losses.
COUT
C1
C2
CIN
CBYP
CLDO2
LDO1
LDO2
BYP
C2-
SWIF
SC622
FL
GND
CLDO1
GND
PGND
NC
NC
NC
Figure 1 — Recommended PCB Layout
Figure 2 — Layer 1
Figure 3 — Layer 2


Similar Part No. - SC622

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC622 SEMTECH-SC622 Datasheet
301Kb / 21P
   LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWire Interface
SC622A SEMTECH-SC622A Datasheet
313Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
SC622A SEMTECH-SC622A Datasheet
308Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED,Dual LDOs,and I2C Interface
SC622AEVB SEMTECH-SC622AEVB Datasheet
313Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
SC622AEVB SEMTECH-SC622AEVB Datasheet
308Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED,Dual LDOs,and I2C Interface
More results

Similar Description - SC622

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC621 SEMTECH-SC621 Datasheet
307Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC622A SEMTECH-SC622A Datasheet
313Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
SC623 SEMTECH-SC623 Datasheet
274Kb / 21P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
SC622 SEMTECH-SC622_09 Datasheet
301Kb / 21P
   LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWire Interface
SC622A SEMTECH-SC622A_09 Datasheet
308Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED,Dual LDOs,and I2C Interface
SC627 SEMTECH-SC627 Datasheet
362Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
SC624 SEMTECH-SC624_09 Datasheet
295Kb / 22P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and SemWireTM Interface
SC627 SEMTECH-SC627_09 Datasheet
314Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
SC624 SEMTECH-SC624 Datasheet
288Kb / 22P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and SemWireTM Interface
SC621A SEMTECH-SC621A_09 Datasheet
320Kb / 24P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com