Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2442ITSTR Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2442ITSTR
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2442ITSTR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2442ITSTR Datasheet HTML 2Page - Semtech Corporation SC2442ITSTR Datasheet HTML 3Page - Semtech Corporation SC2442ITSTR Datasheet HTML 4Page - Semtech Corporation SC2442ITSTR Datasheet HTML 5Page - Semtech Corporation SC2442ITSTR Datasheet HTML 6Page - Semtech Corporation SC2442ITSTR Datasheet HTML 7Page - Semtech Corporation SC2442ITSTR Datasheet HTML 8Page - Semtech Corporation SC2442ITSTR Datasheet HTML 9Page - Semtech Corporation SC2442ITSTR Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
© 2007 Semtech Corp.
www.semtech.com
SC2442/H
POWER MANAGEMENT
Outline Drawing - TSSOP-24
Land Pattern - TSSOP-24
Contact Information
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804


Similar Part No. - SC2442ITSTR

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
SC244 VITALCONN-SC244 Datasheet
468Kb / 3P
   SFP2*4 CAGECONN
logo
Semtech Corporation
SC2440 SEMTECH-SC2440 Datasheet
664Kb / 26P
   2.5 MHz Dual Switching Regulator with Integrated 2A Switches
SC2440A SEMTECH-SC2440A Datasheet
4Mb / 28P
   Dual 30V Step-Down Switching Regulator with 2A Switches
SC2440AEVB SEMTECH-SC2440AEVB Datasheet
4Mb / 28P
   Dual 30V Step-Down Switching Regulator with 2A Switches
SC2440ATETRT SEMTECH-SC2440ATETRT Datasheet
4Mb / 28P
   Dual 30V Step-Down Switching Regulator with 2A Switches
More results

Similar Description - SC2442ITSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
   Wide Input Range High Performance Synchronous Buck Switching Controller
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com