Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7660 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7660
Description  CMOS Switched-Capacitor Voltage Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7660 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7660_03 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7660_03 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7660_03 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7660_03 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7660_03 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7660_03 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7660_03 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7660_03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7660_03 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin Assignment
Pin Description
Pin No. Pin Name I/O
Internal
Connection
Description
1
BOOST
I
CMOS Pull-low
Higher switching frequency selection input
2
CAP+
O
CMOS
This pin is connected to the positive terminal of Capacitor C1 for a
charge pump
3
VSS
¾¾
Negative power supply, ground
4
CAP
-
O
NMOS
This pin is connected to the negative terminal of Capacitor C1 for a
charge pump
5
VOUT
O
NMOS
This pin is connected to the negative terminal of Capacitor C2 for
charge reservoir. Output voltage pass through this pin
6LV
I
¾
Floating this pin enables the voltage regulator. Connect this pin to
VSS (Ground) to bypass voltage regulator and improve low voltage
operation
7
OSC
I/O Transmission Gate
External clock input pin. This pin can be connected with an external
capacitor to reduce switching frequency
8
VDD
¾¾
Positive power supply
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+13V
Operating Temperature...........................
-40°Cto85°C
Storage Temperature ............................
-50°Cto125°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
3
¾
12
V
ISTB
Standby Current
3V
No load
¾
26
100
mA
5V
¾
80
160
fOSC
System Frequency
3V
¾
2.5
4
¾
kHz
5V
5
10
¾
ROUT
Output Source Resistance
3V
IOUT=10mA
¾
97
150
W
5V
IOUT=20mA
¾
60
100
VCON-EFF
Voltage Conversion Efficiency
3V
No load
99
¾¾
%
5V
99
99.9
¾
PEFF
Power Efficiency
3V
RL=5k
W
96
¾¾
%
5V
96
98
¾
HT7660
Rev. 1.10
2
January 21, 2003
1
2
3
4
8
7
6
5
B O O S T
C A P +
V S S
C A P -
V D D
O S C
L V
V O U T
H T 7 6 6 0
8 D I P - A / S O P - A


Similar Part No. - HT7660_03

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7660 HOLTEK-HT7660_09 Datasheet
107Kb / 10P
   CMOS Switched-Capacitor Voltage Converter
More results

Similar Description - HT7660_03

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7660 HOLTEK-HT7660_09 Datasheet
107Kb / 10P
   CMOS Switched-Capacitor Voltage Converter
HT7660 HOLTEK-HT7660 Datasheet
98Kb / 9P
   CMOS Switched-Capacitor Voltage Converter
logo
Maxim Integrated Produc...
MAX665 MAXIM-MAX665 Datasheet
344Kb / 8P
   8V CMOS Switched-Capacitor Voltage Converter
Rev 0; 6/92
logo
TOKO, Inc
TK65018 TOKO-TK65018 Datasheet
33Kb / 5P
   CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com