Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT81003 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT81003
Description  EasyVoiceTM 3-Second Speech
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT81003 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT81003_02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT81003_02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT81003_02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT81003_02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT81003_02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT81003_02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT81003_02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT81003_02 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HT81003
Rev. 1.10
5
January 22, 2002
Key function table
The voice ROM sections are played according to the in-
structions of the key function table. The function table
contains group information and the playing order of the
sections in the groups. Notice that the total amount of
sections included in the groups should be less than 256
which is the space limitation of the function table ROM.
· KEY1 as a direct key
Each key is mapped to a group in the function table. If
a key is not used, the group mapped to that key is a
piece of silence. The following is an example of the
function table:
Group 1
sec.1 + sec.2 + sec.3 + sec.4
Group 2
sec.3
As illustrated in the table, voice ROM is composed of 4
sections, and 5 sections for the function table. If KEY1
is momentarily triggered, section 1, section 2, section
3 and section 4 are played in sequence and then
stopped. Triggering KEY2 plays section 3.
· KEY1 as a sequential key
When KEY1 is optioned as a sequential key, it can in-
clude multiple groups (sub-groups) in the function ta-
ble. However, KEY2 is used as a direct key exclusively
and comprise of only one group in the function table.
An example is shown below:
Group 1-1
sec.4 + sec.2
Group 1-2
sec.1 + sec.3
:
:
:
:
Group 1-N
sec.2 + sec.3
Group 2
sec.2 + sec.3
As indicated in the above table, KEY1 can be made up
of sub-groups. The corresponding sub-groups is
played in sequence each time KEY1 is triggered.
¨ The playing sequence of sequential KEY1 is: Group
1-1
® Group 1-2 ® Group 1-3 ..... ® Group 1-N
(the last group)
® Group 1-1 .....
¨ Reset of KEY1 playing sequence
If a sub-group of KEY1 group is being played and
KEY2 is triggered, the playing sub-group will be ter-
minated, and the newly triggered key group is played
in stead. The first sub-group will start playing by
retriggering KEY1. In other words, the KEY1 playing
sequence is reset whenever a key other than KEY1
is triggered (see Figure 1).
¨ Sub-group selection
When KEY1 is triggered with pulses, a desired
sub-group can be selected by controlling its corre-
sponding pulse number. However, the features of
KEY1 have to be set in the following ways:
- sequential
- retriggerable
- minimum key debounce time (
@1.2ms, fOSC=2MHz)
For instance, if sub-group 1-3 is the previous playing
group, sub-group 1-5 will start playing after 2 pulses
are applied to KEY1, and so on.
To make a selection of KEY1 sub-groups more easy,
KEY2 should be programmed as silence. Then this si-
lence key has to be triggered to reset KEY1. By so do-
ing, the playing sub-group of KEY1 is directly
specified by the pulse number applied to KEY1 (see
Figure 2).
· KEY2 as a stop key (by mask option)
When KEY2 functions as a stop key, any voice output
can be stopped by pressing KEY2.
G r o u p 1 - 1
G r o u p 1 - 2
G r o u p 1 - N
G r o u p ( 2 ~ 8 )
G r o u p 1 - 1
K E Y 1
K E Y 2
A U D
Figure 1. Reset of KEY1 playing sequence
G r o u p 1 - N
N p u l s e
G r o u p 1 - M
M p u l s e
K E Y 1
K E Y 2
( S i l e n c e )
A U D
Figure 2. KEY1 sub-group selection


Similar Part No. - HT81003_02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT81003 HOLTEK-HT81003 Datasheet
136Kb / 11P
   EasyVoiceTM 3-Second Speech
HT81003 HOLTEK-HT81003 Datasheet
230Kb / 19P
   EasyVoice Speech
HT81003 HOLTEK-HT81003 Datasheet
206Kb / 19P
   EasyVoiceTM Speech
More results

Similar Description - HT81003_02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT81003 HOLTEK-HT81003 Datasheet
136Kb / 11P
   EasyVoiceTM 3-Second Speech
HT81XXX HOLTEK-HT81XXX Datasheet
206Kb / 19P
   EasyVoiceTM Speech
HT813D0 HOLTEK-HT813D0 Datasheet
574Kb / 12P
   5.6 Second LOG-PCM Speech
HT815D0 HOLTEK-HT815D0 Datasheet
165Kb / 15P
   11.2-Second LOG-PCM Speech
HT817D0 HOLTEK-HT817D0 Datasheet
162Kb / 15P
   16.8-Second LOG-PCM Speech
HT818D0 HOLTEK-HT818D0 Datasheet
160Kb / 14P
   22.4-Second LOG-PCM Speech
HT814D0 HOLTEK-HT814D0 Datasheet
162Kb / 15P
   8.4-Second LOG-PCM Speech
HT812D0 HOLTEK-HT812D0 Datasheet
614Kb / 15P
   2.8 Second LOG-PCM Speech
HT819D0 HOLTEK-HT819D0 Datasheet
569Kb / 13P
   4.2 Second LOG-PCM Speech
logo
Nuvoton Technology Corp...
N588H NUVOTON-N588H Datasheet
939Kb / 20P
   3-CHANNEL SPEECHMELODY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com