Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2593GCS Datasheet(PDF) 5 Page - Champion Microelectronic Corp.

Part # CM2593GCS
Description  2A Step Down VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM2593GCS Datasheet(HTML) 5 Page - Champion Microelectronic Corp.

  CM2593GCS Datasheet HTML 1Page - Champion Microelectronic Corp. CM2593GCS Datasheet HTML 2Page - Champion Microelectronic Corp. CM2593GCS Datasheet HTML 3Page - Champion Microelectronic Corp. CM2593GCS Datasheet HTML 4Page - Champion Microelectronic Corp. CM2593GCS Datasheet HTML 5Page - Champion Microelectronic Corp. CM2593GCS Datasheet HTML 6Page - Champion Microelectronic Corp. CM2593GCS Datasheet HTML 7Page - Champion Microelectronic Corp. CM2593GCS Datasheet HTML 8Page - Champion Microelectronic Corp. CM2593GCS Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CM2593/P
2A Step Down VOLTAGE REGULATOR
Symbol
Parameter
Conditions
Typ.
Limit
Unit
FB
V
Output Feedback
5V < VIN < 40V
0.2A < ILOAD < 2A
VOUT programmed for 3V
1.235
1.193/1.18
1.267/1.28
V
VMIN
VMAX
CM2593/P-ADJ
η
Efficiency
VIN = 12V, ILOAD=2A
75
%
OUT
V
Output voltage
5.5V < VIN < 40V
0.2A < ILOAD < 2A
3.3
3.168/3.135
3.432/3.465
V
VMIN
VMAX
CM2593/P-3.3V
η
Efficiency
VIN = 12V, ILOAD=2A
75
%
OUT
V
Output voltage
8V < VIN < 40V
0.2A < ILOAD < 2A
5
4.8/4.75
5.2/5.25
V
VMIN
VMAX
CM2593/P-5V
η
Efficiency
VIN = 12V, ILOAD=2A
80
%
Specifications with boldface type are for full operating temperature range, the other type are for TJ=25ºC.
2007/01/25 Rev. 1.4
Champion Microelectronic Corporation
Page 5


Similar Part No. - CM2593GCS

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM259 VCC-CM259 Datasheet
32Kb / 1P
   Wedge Base
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596CN220 ETC-CM2596CN220 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596CN263 ETC-CM2596CN263 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596GCN220 ETC-CM2596GCN220 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
More results

Similar Description - CM2593GCS

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2592HV UMW-LM2592HV Datasheet
1Mb / 14P
   2A Step-Down Voltage Regulator
logo
Weitron Technology
WT2595M WEITRON-WT2595M Datasheet
507Kb / 9P
   2A Step-down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2575 UMW-LM2575 Datasheet
1Mb / 17P
   2A Step-Down Voltage Regulator
logo
Aimtron Technology
AT1792 AIMTRON-AT1792 Datasheet
1Mb / 14P
   2A/18V/300KHz Step-Down Voltage Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
   2A Synchronous Step-Down Regulator
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
   2A STEP DOWN SWITCHING REGULATOR
logo
Analog Intergrations Co...
AIC1595 AIC-AIC1595 Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
   2A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com