Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS1035D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS1035D
Description  HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS1035D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ALS1035D Datasheet HTML 2Page - Texas Instruments SN74ALS1035D Datasheet HTML 3Page - Texas Instruments SN74ALS1035D Datasheet HTML 4Page - Texas Instruments SN74ALS1035D Datasheet HTML 5Page - Texas Instruments SN74ALS1035D Datasheet HTML 6Page - Texas Instruments SN74ALS1035D Datasheet HTML 7Page - Texas Instruments SN74ALS1035D Datasheet HTML 8Page - Texas Instruments SN74ALS1035D Datasheet HTML 9Page - Texas Instruments SN74ALS1035D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-88742012A
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
5962-8874201CA
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
5962-8874201DA
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
SN54ALS1035J
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
SN74ALS1035D
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS1035DE4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS1035DG4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS1035DR
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS1035DRE4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS1035DRG4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS1035N
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN74ALS1035NE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN74ALS1035NSR
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS1035NSRE4
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS1035NSRG4
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SNJ54ALS1035FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54ALS1035J
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54ALS1035W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 1


Similar Part No. - SN74ALS1035D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS1035D TI-SN74ALS1035D Datasheet
68Kb / 5P
[Old version datasheet]   HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS1035D TI1-SN74ALS1035D Datasheet
705Kb / 14P
[Old version datasheet]   HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS1035DE4 TI1-SN74ALS1035DE4 Datasheet
705Kb / 14P
[Old version datasheet]   HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS1035DR TI1-SN74ALS1035DR Datasheet
705Kb / 14P
[Old version datasheet]   HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS1035DRE4 TI1-SN74ALS1035DRE4 Datasheet
705Kb / 14P
[Old version datasheet]   HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
More results

Similar Description - SN74ALS1035D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS1035 TI1-SN54ALS1035_15 Datasheet
705Kb / 14P
[Old version datasheet]   HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS1035 TI-SN54ALS1035 Datasheet
68Kb / 5P
[Old version datasheet]   HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
Integral Corp.
IN74LS06 INTEGRAL-IN74LS06 Datasheet
87Kb / 3P
   Hex Inverted Buffers with Open-Collector Outputs
logo
Texas Instruments
SN54ALS1005 TI-SN54ALS1005 Datasheet
69Kb / 4P
[Old version datasheet]   HEX INVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
KODENSHI_AUK CORP.
KK74LS06 KODENSHI-KK74LS06 Datasheet
193Kb / 4P
   Hex Inverted Buffers with Open-Collector Outputs
logo
System Logic Semiconduc...
SL74LS06 SLS-SL74LS06 Datasheet
25Kb / 3P
   Hex Inverted Buffers with Open-Collector Outputs
logo
Integral Corp.
IN74LS07 INTEGRAL-IN74LS07 Datasheet
98Kb / 3P
   Hex Non-Inverted Buffers with Open- Collector Outputs
logo
System Logic Semiconduc...
SL74LS07 SLS-SL74LS07 Datasheet
25Kb / 3P
   Hex Non-Inverted Buffers with Open-Collector Outputs
logo
National Semiconductor ...
DM5417 NSC-DM5417 Datasheet
93Kb / 4P
   Hex Buffers with High Voltage Open-Collector Outputs
logo
KODENSHI_AUK CORP.
KK74LS07 KODENSHI-KK74LS07 Datasheet
202Kb / 4P
   Hex Non-Inverted Buffers with Open- Collector Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com