Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5615CD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5615CD
Description  10-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5615CD Datasheet(HTML) 3 Page - Texas Instruments

  TLC5615CD Datasheet HTML 1Page - Texas Instruments TLC5615CD Datasheet HTML 2Page - Texas Instruments TLC5615CD Datasheet HTML 3Page - Texas Instruments TLC5615CD Datasheet HTML 4Page - Texas Instruments TLC5615CD Datasheet HTML 5Page - Texas Instruments TLC5615CD Datasheet HTML 6Page - Texas Instruments TLC5615CD Datasheet HTML 7Page - Texas Instruments TLC5615CD Datasheet HTML 8Page - Texas Instruments TLC5615CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TLC5615C, TLC5615I
SLAS142E – OCTOBER 1996 – REVISED JUNE 2007
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
Supply voltage (VDD to AGND)
7V
Digital input voltage range to AGND
–0.3V to VDD + 0.3V
Reference input voltage range to AGND
–0.3V to VDD + 0.3V
Output voltage at OUT from external source
VDD + 0.3V
Continuous current at any terminal
±20mA
Operating free-air temperature range, TA
TLC5615C
0
°C to +70°C
TLC5615I
–40
°C to +85°C
Storage temperature range, Tstg
–65
°C to +150°C
Lead temperature 1,6mm (1/16 inch) from case for 10 seconds
+260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.5
5
5.5
V
High-level digital input voltage, VIH
2.4
V
Low-level digital input voltage, VIL
0.8
V
Reference voltage, Vref to REFIN terminal
2
2.048
VDD–2
V
Load resistance, RL
2
k
TLC5615C
0
70
°C
Operating free-air temperature, TA
TLC5615I
40
85
°C
over recommended operating free-air temperature range, V
DD = 5V ± 5%, Vref = 2.048V (unless otherwise noted)
STATIC DAC SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
10
bits
Integral nonlinearity, end point adjusted (INL)
Vref = 2.048V,
See (1)
±1
LSB
Differential nonlinearity (DNL)
Vref = 2.048V,
See (2)
±0.1
±0.5
LSB
EZS
Zero-scale error (offset error at zero scale)
Vref = 2.048V,
See (3)
±3
LSB
Zero-scale-error temperature coefficient
Vref = 2.048V,
See (4)
3
ppm/
°C
EG
Gain error
Vref = 2.048V,
See (5)
±3
LSB
Gain-error temperature coefficient
Vref = 2.048V,
See (6)
1
ppm/
°C
Zero scale
80
PSRR
Power-supply rejection ratio
See (7)(8)
dB
Gain
80
Analog full scale output
RL = 100kΩ
2Vref(1023/1024)
V
(1)
The relative accuracy or integral nonlinearity (INL), sometimes referred to as linearity error, is the maximum deviation of the output from
the line between zero and full scale excluding the effects of zero code and full-scale errors (see text). Tested from code 3 to code 1024.
(2)
The differential nonlinearity (DNL), sometimes referred to as differential error, is the difference between the measured and ideal 1LSB
amplitude change of any two adjacent codes. Monotonic means the output voltage changes in the same direction (or remains constant)
as a change in the digital input code. Tested from code 3 to code 1024.
(3)
Zero-scale error is the deviation from zero-voltage output when the digital input code is zero (see text).
(4)
Zero-scale-error temperature coefficient is given by: EZS TC = [EZS (Tmax) – EZS (Tmin)]/Vref × 106/(Tmax– Tmin).
(5)
Gain error is the deviation from the ideal output (Vref – 1LSB) with an output load of 10kΩ excluding the effects of the zero-scale error.
(6)
Gain temperature coefficient is given by: EG TC = [EG(Tmax) – EG (Tmin)]/Vref × 106/(Tmax– Tmin).
(7)
Zero-scale-error rejection ratio (EZS-RR) is measured by varying the VDD from 4.5V to 5.5V dc and measuring the proportion of this
signal imposed on the zero-code output voltage.
(8)
Gain-error rejection ratio (EG-RR) is measured by varying the VDD from 4.5V to 5.5V dc and measuring the proportion of this signal
imposed on the full-scale output voltage after subtracting the zero-scale change.
3
Submit Documentation Feedback


Similar Part No. - TLC5615CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615CD TI-TLC5615CD Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615CDGK TI-TLC5615CDGK Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5615CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
TLC5617 TI1-TLC5617_05 Datasheet
313Kb / 21P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617 TI-TLC5617 Datasheet
283Kb / 20P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com