Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1115PA Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD1115PA
Description  COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1115PA Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD1115PA Datasheet HTML 1Page - Advanced Linear Devices ALD1115PA Datasheet HTML 2Page - Advanced Linear Devices ALD1115PA Datasheet HTML 3Page - Advanced Linear Devices ALD1115PA Datasheet HTML 4Page - Advanced Linear Devices ALD1115PA Datasheet HTML 5Page - Advanced Linear Devices ALD1115PA Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ALD1115
Advanced Linear Devices
2
ABSOLUTE MAXIMUM RATINGS
Drain-source voltage, VDS
13.2V
Gate-source voltage, VGS
13.2V
Power dissipation
500 mW
Operating temperature range
PA, SA package
0
°C to +70°C
DA package
-55
°C to +125°C
Storage temperature range
-65
°C to +150°C
Lead temperature, 10 seconds
+260
°C
Gate Threshold
VT
0.4
0.7
1.0
V
IDS = 1µA VGS = VDS
-0.4
-0.7
-1.0
V
IDS = -1µA VGS = VDS
Voltage
Gate Threshold
Temperature
TCVT
-1.2
mV/
°C
-1.3
mV/
°C
Drift
On Drain
IDS (ON)
3
4.8
mA
VGS = VDS = 5V
-1.3
-2
mA
VGS = VDS = -5V
Current
Trans-.
Gfs
1
1.8
mmho
VDS = 5V IDS= 10mA
0.25
0.67
mmho
VDS = -5V IDS= -10mA
conductance
Output
GOS
200
µmho
VDS = 5V IDS = 10mA
40
µmho
VDS = -5V IDS = -10mA
Conductance
Drain Source
RDS(ON)
350
500
VDS = 0.1V VGS = 5V
1200
1800
VDS = -0.1V VGS = -5V
ON Resistance
Drain Source
BVDSS
12
V
IDS = 1µA VGS =0V
-12
V
IDS = -1µA VGS =0V
Breakdown
Voltage
Off Drain
IDS(OFF)
10
400
pA
VDS =12V IGS = 0V
10
400
pA
VDS = -12V VGS = 0V
Current
4
nA
TA = 125°C4
nA
TA = 125°C
Gate Leakage
IGSS
0.1
30
pA
VDS = 0V VGS =12V
1
30
pA
VDS = 0V VGS =-12V
Current
1
nA
TA = 125°C1
nA
TA = 125°C
Input
CISS
1
3
pF
1
3
pF
Capacitance
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified
N - Channel
Test
P - Channel
Test
Parameter
Symbol Min
Typ
Max
Unit
Conditions
Min
Typ
Max
Unit
Conditions


Similar Part No. - ALD1115PA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1115PAL ALD-ALD1115PAL Datasheet
85Kb / 8P
   COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
logo
ADL Embedded Solutions
ALD1115PAL ADL-ALD1115PAL Datasheet
70Kb / 8P
   COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
2021
More results

Similar Description - ALD1115PA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1115 ALD-ALD1115_11 Datasheet
85Kb / 8P
   COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
logo
ADL Embedded Solutions
ALD1115 ADL-ALD1115 Datasheet
70Kb / 8P
   COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
2021
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY_V01 Datasheet
137Kb / 9P
   Complementary (N- and P-Channel) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SI4501BD TFUNK-SI4501BD Datasheet
279Kb / 15P
   Complementary (N- and P-Channel) MOSFET
logo
Vishay Siliconix
SI4501BDY VISHAY-SI4501BDY Datasheet
277Kb / 15P
   Complementary (N- and P-Channel) MOSFET
Rev. A, 14-Feb-11
SI4501BDY VISHAY-SI4501BDY_V01 Datasheet
251Kb / 14P
   Complementary (N- and P-Channel) MOSFET
01-Jan-2022
logo
Yangzhou yangjie electr...
YJS4606A YANGJIE-YJS4606A Datasheet
688Kb / 9P
   N-Channel and P-Channel Complementary Power MOSFET
YJQC602B YANGJIE-YJQC602B Datasheet
1Mb / 9P
   N-Channel and P-Channel Complementary Power MOSFET
logo
Will Semiconductor Ltd.
WCM4616 WILLSEMI-WCM4616 Datasheet
2Mb / 9P
   N- and P-Channel Complementary, 20V,MOSFET
WCM2068 WILLSEMI-WCM2068 Datasheet
1Mb / 11P
   N- and P-Channel Complementary, 20V,MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com