Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8216HQ Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TA8216HQ
Description  Dual Audio Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8216HQ Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TA8216HQ Datasheet HTML 3Page - Toshiba Semiconductor TA8216HQ Datasheet HTML 4Page - Toshiba Semiconductor TA8216HQ Datasheet HTML 5Page - Toshiba Semiconductor TA8216HQ Datasheet HTML 6Page - Toshiba Semiconductor TA8216HQ Datasheet HTML 7Page - Toshiba Semiconductor TA8216HQ Datasheet HTML 8Page - Toshiba Semiconductor TA8216HQ Datasheet HTML 9Page - Toshiba Semiconductor TA8216HQ Datasheet HTML 10Page - Toshiba Semiconductor TA8216HQ Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TA8216HQ
(1) Use of Sn-63Pb solder Bath
· solder bath temperature
= 230°C
· dipping time
= 5 seconds
· the number of times
= once
· use of R-type flux
(2) Use of Sn-3.0Ag-0.5Cu solder Bath
· solder bath temperature
= 245°C
· dipping time
= 5 seconds
· the number of times
= once
· use of R-type flux
• Solderability
About solderability, following conditions were confirmed
030619EBF
• TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced
and sold, under any law and regulations.
• This product generates heat during normal operation. However, substandard performance or malfunction may
cause the product and its peripherals to reach abnormally high temperatures.
The product is often the final stage (the external output stage) of a circuit. Substandard performance or
malfunction of the destination device to which the circuit supplies output may cause damage to the circuit or to the
product.
• The TOSHIBA products listed in this document are intended for usage in general electronics applications
(computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances,
etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires
extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or
bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or
spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments,
medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this
document shall be made at the customer’s own risk.
• The products described in this document are subject to the foreign exchange and foreign trade laws.
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor
devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical
stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of
safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of
such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as
set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and
conditions set forth in the “Handling Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability
Handbook” etc..
• The information contained herein is subject to change without notice.
• The information contained herein is presented only as a guide for the applications of our products. No
responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of
TOSHIBA or others.
RESTRICTIONS ON PRODUCT USE
2004-08-25
11


Similar Part No. - TA8216HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8216H TOSHIBA-TA8216H Datasheet
404Kb / 10P
   DUAL AUDIO POWER AMPLIFIER
TA8216H TOSHIBA-TA8216H Datasheet
236Kb / 11P
   Dual Audio Power Amplifier
TA8216H TOSHIBA-TA8216H_02 Datasheet
236Kb / 11P
   Dual Audio Power Amplifier
More results

Similar Description - TA8216HQ

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD6282 YOUDA-YD6282 Datasheet
155Kb / 4P
   DUAL AUDIO POWER AMPLIFIER
YD8207 YOUDA-YD8207 Datasheet
154Kb / 4P
   DUAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM1877 TI1-LM1877_16 Datasheet
1Mb / 15P
[Old version datasheet]   Dual Audio Power Amplifier
logo
Toshiba Semiconductor
TA8258H TOSHIBA-TA8258H Datasheet
371Kb / 12P
   Dual Audio Power Amplifier
2002-02-13
TA8265K TOSHIBA-TA8265K Datasheet
353Kb / 9P
   DUAL AUDIO POWER AMPLIFIER
logo
NEC
UPC1316 NEC-UPC1316 Datasheet
1Mb / 8P
   DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8200AH TOSHIBA-TA8200AH_02 Datasheet
230Kb / 11P
   Dual Audio Power Amplifier
TB2922HQ TOSHIBA-TB2922HQ Datasheet
337Kb / 15P
   Dual Audio Power Amplifier
TA8258HQ TOSHIBA-TA8258HQ_06 Datasheet
345Kb / 13P
   Dual Audio Power Amplifier
logo
Texas Instruments
LM1896 TI1-LM1896 Datasheet
516Kb / 12P
[Old version datasheet]   Dual Audio Power Amplifier
logo
Toshiba Semiconductor
TA7230P TOSHIBA-TA7230P Datasheet
454Kb / 4P
   DUAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com