Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS047DG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS047DG4
Description  LVDS QUAD DIFFERENTIAL LINE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS047DG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVDS047DG4 Datasheet HTML 1Page - Texas Instruments SN65LVDS047DG4 Datasheet HTML 2Page - Texas Instruments SN65LVDS047DG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS047DG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS047DG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS047DG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS047DG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS047DG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS047DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
SN65LVDS047
SLLS416B – JUNE 2000 – REVISED DECEMBER 2003
over recommended operating conditions (see (1), (2) and (3) )(unless otherwise noted)
TYP(
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
4)
tPHL
Differential propagation delay, high-to-low
1.4
1.8
2.8
ns
tPLH
Differential propagation delay, low-to-high
1.4
1.8
2.8
ns
tSK(p)
Differential pulse skew (tPHLD - tPLHD), see (5)
50
300
ps
tSK(o)
Channel-to-channel skew, see (6)
40
300
ps
RL = 100 Ω,, CL = 15 pF,
see Figure 2 and Figure 3
tSK(pp)
Differential part-to-part skew, see (7)
1
ns
tSK(lim)
Differential part-to-part skew, see (8)
1.2
ns
tr
Rise time
0.5
1.5
ns
tf
Fall time
0.5
1.5
ns
tPHZ
Disable time high to Z
5.5
8
ns
tPLZ
Disable time low to Z
5.5
8
ns
RL = 100 Ω,, CL = 15 pF,
see Figure 4 and Figure 5
tPZH
Enable time Z to high
8.5
12
ns
tPZL
Enable time Z to low
8.5
12
ns
f(MAX)
Maximum operating frequency, see (9)
250
MHz
(1)
Generator waveform for all tests unless otherwise: f = 1 MHz, Zo = 50 Ω, tr < 1 ns, and tf < 1 ns.
(2)
CL includes probe and jig capacitance.
(3)
All input voltages are for one channel unless otherwise specified. Other inputs are set to GND.
(4)
All typical values are given for: VCC = 3.3 V, TA = 25°C.
(5)
tSK(p)|tPHL-tPLH| is the magnitude difference in differential propagation delay time between the positive going edge andthe negative going
edge of the same channel.
(6)
tSK(o) is the differential channel-to-channel skew of any event on the same device.
(7)
tSK(pp) is the differential part-to-part skew, and is defined as the difference between the minimum and the maximum specified differential
propagation delays. This specification applies to devices at the same VCC and within 5°C of each other within the operating temperature
range.
(8)
tSK(lim) part-to-part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices
over recommended operating temperature and voltage ranges, and across process distribution. tSK(lim) is defined as|Min - Max|
differential propagation delay.
(9)
f(MAX) generator input conditions: tr = tf < 1 ns (0% to 100%), 50% duty cycle, 0 V to 3 V. Output criteria: duty cycle = 45% to55,VOD >
250 mV, all channels switching
4
Submit Documentation Feedback


Similar Part No. - SN65LVDS047DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS047DG4 TI-SN65LVDS047DG4 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047DG4 TI-SN65LVDS047DG4 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN65LVDS047DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com