Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV221APWRE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LV221APWRE4
Description  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV221APWRE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LV221APWRE4 Datasheet HTML 6Page - Texas Instruments SN74LV221APWRE4 Datasheet HTML 7Page - Texas Instruments SN74LV221APWRE4 Datasheet HTML 8Page - Texas Instruments SN74LV221APWRE4 Datasheet HTML 9Page - Texas Instruments SN74LV221APWRE4 Datasheet HTML 10Page - Texas Instruments SN74LV221APWRE4 Datasheet HTML 11Page - Texas Instruments SN74LV221APWRE4 Datasheet HTML 12Page - Texas Instruments SN74LV221APWRE4 Datasheet HTML 13Page - Texas Instruments SN74LV221APWRE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SN54LV221A, SN74LV221A
DUAL MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SCLS450G − DECEMBER 1999 − REVISED APRIL 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
caution in use
To prevent malfunctions due to noise, connect a high-frequency capacitor between VCC and GND, and keep
the wiring between the external components and Cext and Rext/Cext terminals as short as possible.
power-down considerations
Large values of Cext can cause problems when powering down the ’LV221A because of the amount of energy
stored in the capacitor. When a system containing this device is powered down, the capacitor can discharge
from VCC through the protection diodes at pin 2 or pin 14. Current through the input protection diodes must be
limited to 30 mA; therefore, the turn-off time of the VCC power supply must not be faster than
t = VCC × Cext/30 mA. For example, if VCC = 5 V and Cext = 15 pF, the VCC supply must turn off no faster than
t = (5 V)
× (15 pF)/30 mA = 2.5 ns. Usually, this is not a problem because power supplies are heavily filtered
and cannot discharge at this rate. When a more rapid decrease of VCC to zero occurs, the ’LV221A can sustain
damage. To avoid this possibility, use external clamping diodes.
output pulse duration
The output pulse duration, tw, is determined primarily by the values of the external capacitance (CT) and timing
resistance (RT). The timing components are connected as shown in Figure 2.
VCC
RT
CT
To Rext/Cext
Terminal
To Cext
Terminal
Figure 2. Timing-Component Connections
The pulse duration is given by:
tw
+ K
R
T
C
T
if CT is ≥ 1000 pF, K = 1.0
or
if CT is < 1000 pF, K can be determined from Figure 7
where:
tw = pulse duration in ns
RT = external timing resistance in kΩ
CT = external capacitance in pF
K
= multiplier factor
Equation 1 and Figure 3 or 4 can be used to determine values for pulse duration, external resistance, and
external capacitance.
(1)


Similar Part No. - SN74LV221APWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV221APWRE4 TI-SN74LV221APWRE4 Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN74LV221APWRE4 TI-SN74LV221APWRE4 Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN74LV221APWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54221 TI-SN54221_07 Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121 Datasheet
670Kb / 15P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121_07 Datasheet
737Kb / 18P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com