Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26LV32CDE4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LV32CDE4
Description  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LV32CDE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AM26LV32CDE4 Datasheet HTML 5Page - Texas Instruments AM26LV32CDE4 Datasheet HTML 6Page - Texas Instruments AM26LV32CDE4 Datasheet HTML 7Page - Texas Instruments AM26LV32CDE4 Datasheet HTML 8Page - Texas Instruments AM26LV32CDE4 Datasheet HTML 9Page - Texas Instruments AM26LV32CDE4 Datasheet HTML 10Page - Texas Instruments AM26LV32CDE4 Datasheet HTML 11Page - Texas Instruments AM26LV32CDE4 Datasheet HTML 12Page - Texas Instruments AM26LV32CDE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AM26LV32C, AM26LV32I
LOW VOLTAGE HIGHSPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS202E − MAY 1995 − REVISED JUNE 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
In most applications, it is not customary to have a common-mode input close to ground and to have a differential
voltage larger than 2 V. Since the common-mode input voltage is typically around 1.5 V, a 2-V VID would result
in a VIL of 0.5 V, thus satisfying the recommended VIL level of greater than 0.4 V.
Figure 8 plots seven different input threshold curves from a variety of production lots and shows how the fail-safe
circuitry behaves with the input common-mode voltage levels. These input threshold curves are representative
samples of production devices. The curves specifically illustrate a typical range of input threshold variation. The
AM26LV32 is specified with
±200 mV of input sensitivity to account for the variance in input threshold. Each data
point represents the input’s ability to produce a known state at the output for a given VIC and VID. Applying a
differential voltage at or above a certain point on a curve would produce a known state at the output. Applying
a differential voltage less than a certain point on a curve would activate the fail-safe circuit and the output would
be in a high state. For example, inspecting the top input threshold curve reveals that for a VIC + 1.6 V, VID yields
around 87 mV. Applying 90 mV of differential voltage to this particular production lot generates a known receiver
output voltage. Applying a VID of 80 mV activates the input fail-safe circuitry and the receiver output is placed
in the high state. Texas Instruments specifies the input threshold at
±200 mV, since normal process variations
affect this parameter. Note that at common-mode input voltages around 0.2 V, the input differential voltages are
low compared to their respective data points. This phenomenon points to the fact that the inputs are very
sensitive to small differential voltages around 0.2 V VIC. It is recommended that VIC levels be kept greater than
0.5 V to avoid this increased sensitivity at VIC [ 0.2 V. In most applications, since VIC typically is 1.5 V, the
fail-safe circuitry functions properly to provide a high state at the receiver output.
−0.8 −0.6 −0.4 −0.2
0
0.2
0.4 0.6
0.8
1
1.2 1.4 1.6
1.8
2
2.2
2.4
−1
0
10
20
30
40
50
60
70
80
90
100
VIC − Common-Mode Input Voltage − V
Not
Recommended
Most
Applications
Increased Receiver Input Sensitivity
Figure 8. VIC Versus VID Receiver Sensitivity Levels


Similar Part No. - AM26LV32CDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV32CDE4 TI-AM26LV32CDE4 Datasheet
371Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32CDE4 TI-AM26LV32CDE4 Datasheet
671Kb / 22P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results

Similar Description - AM26LV32CDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32 TI-AM26LV32 Datasheet
371Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV31C TI-AM26LV31C Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
AM26LV31C TI-AM26LV31C_07 Datasheet
393Kb / 14P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31C TI-AM26LV31C_08 Datasheet
500Kb / 15P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com