Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7208 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L7208
Description  Portable consumer electronics spindle and VCM motor controller
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7208 Datasheet(HTML) 2 Page - STMicroelectronics

  L7208 Datasheet HTML 1Page - STMicroelectronics L7208 Datasheet HTML 2Page - STMicroelectronics L7208 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Revision history
L7208
2/3
1
Revision history
Table 1.
Document revision history
Date
Revision
Changes
21-Sep-2006
1
Initial release.


Similar Part No. - L7208

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
   MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
logo
Intel Corporation
L7200 INTEL-L7200 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
STMicroelectronics
L7203 STMICROELECTRONICS-L7203 Datasheet
170Kb / 13P
   SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
L7203S STMICROELECTRONICS-L7203S Datasheet
170Kb / 13P
   SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
   Dual mode disk drive spindle and VCM motor driver
More results

Similar Description - L7208

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT78C7015 ATMEL-AT78C7015 Datasheet
134Kb / 5P
   Spindle/VCM Motor Controller/Drivers AT78C7015 Summary
logo
List of Unclassifed Man...
LD7000 ETC-LD7000 Datasheet
29Kb / 2P
   Spindle/VCM Controller and Pre-driver
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
logo
NXP Semiconductors
OM5193H PHILIPS-OM5193H Datasheet
246Kb / 56P
   Disk drive spindle and VCM with servo controller
1998 Nov 02
logo
STMicroelectronics
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
   Dual mode disk drive spindle and VCM motor driver
logo
Hitachi Semiconductor
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
   Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
   Combo (Spindle & VCM) Driver
logo
NXP Semiconductors
TDA5147K PHILIPS-TDA5147K Datasheet
154Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1996 Jul 26
logo
Hitachi Semiconductor
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
   Combo (Spindle & VCM) Driver
HA13614FH HITACHI-HA13614FH Datasheet
122Kb / 26P
   Combo (Spindle & VCM) Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com