Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM34020AHTM32 Datasheet(PDF) 3 Page - Texas Instruments

Part # SM34020AHTM32
Description  GRAPHICS SYSTEM PROCESSOR
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM34020AHTM32 Datasheet(HTML) 3 Page - Texas Instruments

  SM34020AHTM32 Datasheet HTML 1Page - Texas Instruments SM34020AHTM32 Datasheet HTML 2Page - Texas Instruments SM34020AHTM32 Datasheet HTML 3Page - Texas Instruments SM34020AHTM32 Datasheet HTML 4Page - Texas Instruments SM34020AHTM32 Datasheet HTML 5Page - Texas Instruments SM34020AHTM32 Datasheet HTML 6Page - Texas Instruments SM34020AHTM32 Datasheet HTML 7Page - Texas Instruments SM34020AHTM32 Datasheet HTML 8Page - Texas Instruments SM34020AHTM32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 97 page
background image
SMJ34020A
GRAPHICS SYSTEM PROCESSOR
SGUS011D − APRIL 1991 − REVISED SEPTEMBER 2004
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Pin Assignments − 145-Pin Grid Array Package
PIN
PIN
PIN
PIN
NUMBER
NAME
NUMBER
NAME
NUMBER
NAME
NUMBER
NAME
A1
VSS
C9
RCA8
J1
EMU0
N15
LAD17
A2
ALTCH
C10
RCA12
J2
GI
P1
VCC
A3
CBLNK / VBLNK
C11
LAD30
J3
EMU1
P2
HWRITE
A4
HSYNC
C12
VSS
J13
LAD4
P3
HCS
A5
TR /QE
C13
VSS
J14
VCC
P4
HA30
A6
RCA2
C14
VCC
J15
LAD5
P5
HA27
A7
RCA3
C15
LAD26
K1
EMU2
P6
HA24
A8
VCC
D1
RAS
K2
RESET
P7
HA22
A9
RCA6
D2
CAS2
K3
LINT2
P8
HA18
A10
RCA7
D3
VSS
K13
VSS
P9
HA14
A11
RCA10
D4†
NU†
K14
LAD3
P10
HA13
A12
SCLK
D13
LAD28
K15
LAD20
P11
HA10
A13
LAD15
D14
LAD11
L1
LINT1
P12
HA7
A14
LAD29
D15
LAD10
L2
CAMD
P13
HA5
A15
VSS
E1
R1
L3
LRDY
P14
HBS0
B1
CAS3
E2
VCC
L13
LAD1
P15
LAD0
B2
WE
E3
CAS1
L14
LAD2
R1
HREAD
B3
VSS
E13
LAD27
L15
LAD19
R2
HA31
B4
CSYNC / HBLNK
E14
LAD25
M1
BUSFLT
R3
HA28
B5
VSYNC
E15
LAD9
M2
PGMD
R4
HA26
B6
RCA0
F1
HRDY
M3
VCLK
R5
HA23
B7
RCA1
F2
R0
M13
VSS
R6
HA20
B8
RCA5
F3
VSS
M14
LAD16
R7
HA19
B9
RCA9
F13
LAD24
M15
LAD18
R8
HA17
B10
RCA11
F14
LAD8
N1
SIZE16
R9
HA16
B11
LAD31
F15
VSS
N2
VCC
R10
HA15
B12
LAD14
G1
HINT
N3
CLKIN
R11
HA11
B13
VCC
G2
HOE
N4
VSS
R12
HA9
B14
LAD13
G3
HDST
N5
HA29
R13
HA8
B15
LAD12
G13
LAD7
N6
HA25
R14
HBS3
C1
CAS0
G14
VSS
N7
HA21
R15
VSS
C2
VCC
G15
LAD23
N8
VSS
C3
DDOUT
H1
LCLK1
N9
VSS
C4
DDIN
H2
EMU3
N10
HA12
C5
VSS
H3
LCLK2
N11
HA6
C6
SF
H13
LAD22
N12
HBS2
C7
RCA4
H14
LAD21
N13
HBS1
C8
VSS
H15
LAD6
N14
VCC
† This pin is provided for device orientation purpose only. Make no external connection.


Similar Part No. - SM34020AHTM32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM34020A TI1-SM34020A Datasheet
1Mb / 94P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020A-S TI1-SM34020A-S Datasheet
1Mb / 94P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020AGBM32 TI1-SM34020AGBM32 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020AGBM40 TI1-SM34020AGBM40 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020AGBS40 TI1-SM34020AGBS40 Datasheet
1Mb / 94P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
More results

Similar Description - SM34020AHTM32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM34020A TI1-SM34020A Datasheet
1Mb / 94P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI-SMJ34020A Datasheet
1Mb / 92P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI1-SMJ34020A_16 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010FNL-40 TI1-TMS34010FNL-40 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020APCM40 TI-SM34020APCM40 Datasheet
1Mb / 89P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010 TI-TMS34010 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010FNL-50 TI-TMS34010FNL-50 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
logo
Sanyo Semicon Device
LC78711E SANYO-LC78711E Datasheet
781Kb / 43P
   Graphics Display Processor
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
DIABLO16 ETC2-DIABLO16 Datasheet
2Mb / 33P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com