Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F2806ZGMA Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320F2806ZGMA
Description  Digital Signal Processors
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2806ZGMA Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320F2806ZGMA Datasheet HTML 7Page - Texas Instruments TMS320F2806ZGMA Datasheet HTML 8Page - Texas Instruments TMS320F2806ZGMA Datasheet HTML 9Page - Texas Instruments TMS320F2806ZGMA Datasheet HTML 10Page - Texas Instruments TMS320F2806ZGMA Datasheet HTML 11Page - Texas Instruments TMS320F2806ZGMA Datasheet HTML 12Page - Texas Instruments TMS320F2806ZGMA Datasheet HTML 13Page - Texas Instruments TMS320F2806ZGMA Datasheet HTML 14Page - Texas Instruments TMS320F2806ZGMA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 140 page
background image
www.ti.com
1
F280x, F2801x, C280x DSPs
1.1
Features
TMS320F2809, TMS320F2808, TMS320F2806
TMS320F2802, TMS320F2801
TMS320C2802, TMS320C2801, and TMS320F2801x DSPs
SPRS230J – OCTOBER 2003 – REVISED SEPTEMBER 2007
• High-Performance Static CMOS Technology
• Enhanced Control Peripherals
100 MHz (10-ns Cycle Time)
Up to 16 PWM Outputs
60 MHz (16.67-ns Cycle Time)
Up to 6 HRPWM Outputs With 150 ps MEP
Resolution
Low-Power (1.8-V Core, 3.3-V I/O) Design
Up to Four Capture Inputs
• JTAG Boundary Scan Support (1)
Up to Two Quadrature Encoder Interfaces
• High-Performance 32-Bit CPU (TMS320C28x)
Up to Six 32-bit/Six 16-bit Timers
16 x 16 and 32 x 32 MAC Operations
• Serial Port Peripherals
16 x 16 Dual MAC
Up to 4 SPI Modules
Harvard Bus Architecture
Up to 2 SCI (UART) Modules
Atomic Operations
Up to 2 CAN Modules
Fast Interrupt Response and Processing
One Inter-Integrated-Circuit (I2C) Bus
Unified Memory Programming Model
• 12-Bit ADC, 16 Channels
Code-Efficient (in C/C++ and Assembly)
2 x 8 Channel Input Multiplexer
• On-Chip Memory
Two Sample-and-Hold
F2809: 128K X 16 Flash, 18K X 16 SARAM
Single/Simultaneous Conversions
F2808: 64K X 16 Flash, 18K X 16 SARAM
F2806: 32K X 16 Flash, 10K X 16 SARAM
Fast Conversion Rate:
F2802: 32K X 16 Flash, 6K X 16 SARAM
80 ns - 12.5 MSPS (F2809 only)
F2801: 16K X 16 Flash, 6K X 16 SARAM
160 ns - 6.25 MSPS (280x)
F2801x: 16K X 16 Flash, 6K X 16 SARAM
267 ns - 3.75 MSPS (F2801x)
1K x 16 OTP ROM (Flash Devices Only)
Internal or External Reference
C2802: 32K X 16 ROM, 6K X 16 SARAM
• Up to 35 Individually Programmable,
C2801: 16K X 16 ROM, 6K X 16 SARAM
Multiplexed GPIO Pins With Input Filtering
• Boot ROM (4K x 16)
• Advanced Emulation Features
With Software Boot Modes (via SCI, SPI,
Analysis and Breakpoint Functions
CAN, I2C, and Parallel I/O)
Real-Time Debug via Hardware
Standard Math Tables
• Development Support Includes
• Clock and System Control
ANSI C/C++ Compiler/Assembler/Linker
Dynamic PLL Ratio Changes Supported
Code Composer Studio™ IDE
On-Chip Oscillator
DSP/BIOS™
Watchdog Timer Module
Digital Motor Control and Digital Power
• Any GPIO A Pin Can Be Connected to One of
Software Libraries
the Three External Core Interrupts
• Low-Power Modes and Power Savings
• Peripheral Interrupt Expansion (PIE) Block
IDLE, STANDBY, HALT Modes Supported
That Supports All 43 Peripheral Interrupts
Disable Individual Peripheral Clocks
• 128-Bit Security Key/Lock
• Package Options
Protects Flash/OTP/L0/L1 Blocks
Thin Quad Flatpack (PZ)
Prevents Firmware Reverse Engineering
MicroStar BGA™ (GGM, ZGM)
• Three 32-Bit CPU Timers
• Temperature Options:
A: -40C to 85C (PZ, GGM, ZGM)
S: -40C to 125C (PZ, GGM, ZGM)
Q: -40C to 125C (PZ)
(1)
IEEE Standard 1149.1-1990 Standard Test Access Port and
Boundary Scan Architecture
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
Code Composer Studio, DSP/BIOS, MicroStar BGA, TMS320C28x, C28x, TMS320C2000 are trademarks of Texas Instruments.
eZdsp is a trademark of Spectrum Digital.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320F2806ZGMA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F2806ZGMA TI-TMS320F2806ZGMA Datasheet
1Mb / 123P
[Old version datasheet]   Digital Signal Processors
TMS320F2806ZGMA TI-TMS320F2806ZGMA Datasheet
1Mb / 123P
[Old version datasheet]   Digital Signal Processors
TMS320F2806ZGMA TI-TMS320F2806ZGMA Datasheet
1Mb / 134P
[Old version datasheet]   Digital Signal Processors
TMS320F2806ZGMA TI-TMS320F2806ZGMA Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
TMS320F2806ZGMA TI1-TMS320F2806ZGMA Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - TMS320F2806ZGMA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com