Electronic Components Datasheet Search
Selected language     English  ā–¼

Delete All
ON OFF

Advanced Search

              





ISPLSI3448 Datasheet(PDF) 2 Page - Lattice Semiconductor

Part No. ISPLSI3448
Description  In-System Programmable High Density PLD
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 
 2 page
background image
Specifications ispLSI 3448
2
Functional Block Diagram
Figure 1. ispLSI 3448 Functional Block Diagram
Global Routing Pool
(GRP)
Boundary
Scan
TOE
RESET
TDI/SDI
TRST
TDO/SDO
Output Routing Pool
N3
Input Bus
N2
N1
N0
Output Routing Pool
M3
Input Bus
M2
M1
M0
Output Routing Pool
L3
Input Bus
L2
L1
L0
Output Routing Pool
K3
Input Bus
K2
K1
K0
D0
D1
D2
D3
E0
E1
E2
E3
F0
F1
F2
F3
G0
G1
G2
G3
Output Routing Pool
Output Routing Pool
Output Routing Pool
Output Routing Pool
Input Bus
Input Bus
Input Bus
Input Bus
I/O 159
I/O 158
I/O 157
I/O 156
I/O 155
I/O 154
I/O 153
I/O 152
I/O 151
I/O 150
I/O 149
I/O 148
I/O 147
I/O 146
I/O 145
I/O 144
I/O 143
I/O 142
I/O 141
I/O 140
I/O 139
I/O 138
I/O 137
I/O 136
I/O 135
I/O 134
I/O 133
I/O 132
I/O 131
I/O 130
I/O 129
I/O 128
I/O 127
I/O 126
I/O 125
I/O 124
I/O 123
I/O 122
I/O 121
I/O 120
I/O 119
I/O 118
I/O 117
I/O 116
I/O 115
I/O 114
I/O 113
I/O 112
J3
J2
J1
J0
I3
I2
I1
I0
H3
H2
H1
H0
A0
A1
A2
A3
B0
B1
B2
B3
C0
C1
C2
C3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
I/O 16
I/O 17
I/O 18
I/O 19
I/O 20
I/O 21
I/O 22
I/O 23
I/O 24
I/O 25
I/O 26
I/O 27
I/O 28
I/O 29
I/O 30
I/O 31
I/O 32
I/O 33
I/O 34
I/O 35
I/O 36
I/O 37
I/O 38
I/O 39
I/O 40
I/O 41
I/O 42
I/O 43
I/O 44
I/O 45
I/O 46
I/O 47
0130/3448




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISPLSI1016E_02In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
LC4032C3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs 1 2 3 4 5 MoreLattice Semiconductor
LTV-355THybrid substrates that require high density mounting Programmable controllers 1 2 3 4 5 MoreLite-On Technology Corporation
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
CLC5612Dual High Output Programmable Gain Buffer 1 2 3 4 5 MoreNational Semiconductor (TI)
AT90C85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 ATMEL Corporation
ATTINY2313_068-bit Microcontroller with 2K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S2313_028-bit Microcontroller with 2K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA165V_06088-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl