Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC173PWRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HC173PWRE4
Description  High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC173PWRE4 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC173PWRE4 Datasheet HTML 1Page - Texas Instruments CD74HC173PWRE4 Datasheet HTML 2Page - Texas Instruments CD74HC173PWRE4 Datasheet HTML 3Page - Texas Instruments CD74HC173PWRE4 Datasheet HTML 4Page - Texas Instruments CD74HC173PWRE4 Datasheet HTML 5Page - Texas Instruments CD74HC173PWRE4 Datasheet HTML 6Page - Texas Instruments CD74HC173PWRE4 Datasheet HTML 7Page - Texas Instruments CD74HC173PWRE4 Datasheet HTML 8Page - Texas Instruments CD74HC173PWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS158E
Features
• Three-State Buffered Outputs
• Gated Input and Output Enables
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD54HC173, CD54HCT173
(CERDIP)
CD74HC173
(PDIP, SOIC, SOP, TSSOP)
CD74HCT173
(PDIP, SOIC)
TOP VIEW
Description
The ’HC173 and ’HCT173 high speed three-state quad D-
type flip-flops are fabricated with silicon gate CMOS technol-
ogy. They possess the low power consumption of standard
CMOS Integrated circuits, and can operate at speeds com-
parable to the equivalent low power Schottky devices. The
buffered outputs can drive 15 LSTTL loads. The large output
drive capability and three-state feature make these parts ide-
ally suited for interfacing with bus lines in bus oriented sys-
tems.
The four D-type flip-flops operate synchronously from a com-
mon clock. The outputs are in the three-state mode when
either of the two output disable pins are at the logic “1” level.
The input ENABLES allow the flip-flops to remain in their
present states without having to disrupt the clock If either of
the 2 input ENABLES are taken to a logic “1” level, the Q
outputs are fed back to the inputs, forcing the flip-flops to
remain in the same state. Reset is enabled by taking the
MASTER RESET (MR) input to a logic “1” level. The data
outputs change state on the positive going edge of the clock.
The ’HCT173 logic family is functionally, as well as pin com-
patible with the standard LS logic family
.
OE
OE2
Q0
Q1
Q2
Q3
GND
VCC
MR
D0
D1
D2
D3
E2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
E1
CP
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC173F3A
-55 to 125
16 Ld CERDIP
CD54HCT173F3A
-55 to 125
16 Ld CERDIP
CD74HC173E
-55 to 125
16 Ld PDIP
CD74HC173M
-55 to 125
16 Ld SOIC
CD74HC173MT
-55 to 125
16 Ld SOIC
CD74HC173M96
-55 to 125
16 Ld SOIC
CD74HC173NSR
-55 to 125
16 Ld SOP
CD74HC173PW
-55 to 125
16 Ld TSSOP
CD74HC173PWR
-55 to 125
16 Ld TSSOP
CD74HC173PWT
-55 to 125
16 Ld TSSOP
CD74HCT173E
-55 to 125
16 Ld PDIP
CD74HCT173M
-55 to 125
16 Ld SOIC
CD74HCT173MT
-55 to 125
16 Ld SOIC
CD74HCT173M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
February 1998 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC173, CD74HC173,
CD54HCT173, CD74HCT173
High-Speed CMOS Logic
Quad D-Type Flip-Flop, Three-State
[ /Title
(CD74H
C173,
CD74H
CT173)
/Subject
(High
Speed
CMOS
Logic
Quad D-
Type


Similar Part No. - CD74HC173PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC173PWRE4 TI-CD74HC173PWRE4 Datasheet
550Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
More results

Similar Description - CD74HC173PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC173 TI-CD54HC173_08 Datasheet
550Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD74HC173 TI-CD74HC173 Datasheet
57Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD54HC173 TI-CD54HC173 Datasheet
374Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD74HC374 TI-CD74HC374 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered
CD74HC175 TI-CD74HC175 Datasheet
55Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC175 TI-CD54HC175_08 Datasheet
562Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HCT175 TI-CD54HCT175 Datasheet
278Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HCT175 TI-CD54HCT175_07 Datasheet
422Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD74HC534 TI-CD74HC534 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534_07 Datasheet
431Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com