Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDS050DG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75LVDS050DG4
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS050DG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN75LVDS050DG4 Datasheet HTML 1Page - Texas Instruments SN75LVDS050DG4 Datasheet HTML 2Page - Texas Instruments SN75LVDS050DG4 Datasheet HTML 3Page - Texas Instruments SN75LVDS050DG4 Datasheet HTML 4Page - Texas Instruments SN75LVDS050DG4 Datasheet HTML 5Page - Texas Instruments SN75LVDS050DG4 Datasheet HTML 6Page - Texas Instruments SN75LVDS050DG4 Datasheet HTML 7Page - Texas Instruments SN75LVDS050DG4 Datasheet HTML 8Page - Texas Instruments SN75LVDS050DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN75LVDS179, SN75LVDS180, SN75LVDS050, SN75LVDS051
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLLS361A – JUNE 1999 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI TIA/EIA-644-1995 Standard
D Signaling Rates up to 155 Mbps
D Operates From a Single 3.3-V Supply
D Low-Voltage Differential Signaling With
Typical Output Voltages of 350 mV and a
100
Ω Load
D LVTTL Input Levels are 5 V Tolerant
D Driver is High Impedance When Disabled or
With VCC < 1.5 V
D Receiver has Open-Circuit Fail Safe
D Surface-Mount Packaging
– D Package (SOIC)
D Characterized For Operation From
0
°C to 70°C
description
The
SN75LVDS179,
SN75LVDS180,
SN75LVDS050, and SN75LVDS051 are differen-
tial line drivers and receivers that use low-voltage
differential signaling (LVDS) to achieve signaling
rates as high as 155 Mbps. The TIA/EIA-644
standard compliant electrical interface provides a
minimum differential output voltage magnitude of
247 mV into a 100
Ω load and receipt of 100 mV
signals with up to 1 V of ground potential
difference between a transmitter and receiver.
The intended application of this device and
signaling technique is for point-to-point baseband
data transmission over controlled impedance
media of approximately 100
Ω characteristic
impedance. The transmission media may be
printed-circuit board traces, backplanes, or
cables. (Note: The ultimate rate and distance of
data transfer is dependent upon the attenuation
characteristics of the media, the noise coupling to
the environment, and other application specific
characteristics).
The
SN75LVDS179,
SN75LVDS180,
SN75LVDS050, and SN75LVDS051 are charac-
terized for operation from 0
°C to 70°C.
Copyright
© 2000, Texas Instruments Incorporated
R
D
Y
Z
A
B
R
D
Y
Z
A
B
DE
RE
2
3
2
5
4
3
5
6
8
7
9
10
12
11
2D
1D
1Y
1Z
2Y
2Z
DE
9
15
12
14
13
10
11
2R
1R
1A
1B
2A
2B
RE
5
3
4
2
1
6
7
1R
1D
1Y
1Z
1A
1B
1DE
3
15
4
14
13
2
1
2R
2D
2Y
2Z
2A
2B
2DE
5
9
12
10
11
6
7
1
2
3
4
8
7
6
5
VCC
R
D
GND
A
B
Z
Y
SN75LVDS179D (Marked as DS179 or 7LS179)
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
R
RE
DE
D
GND
GND
VCC
VCC
A
B
Z
Y
NC
SN75LVDS180D (Marked as 7LVDS180)
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1R
RE
2R
2A
2B
GND
VCC
1D
1Y
1Z
DE
2Z
2Y
2D
SN75LVDS050D (Marked as 75LVDS050)
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1R
1DE
2R
2A
2B
GND
VCC
1D
1Y
1Z
2DE
2Z
2Y
2D
SN75LVDS051D (Marked as 75LVDS051)
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN75LVDS050DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS31 TI-SN75LVDS31 Datasheet
166Kb / 12P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31D TI-SN75LVDS31D Datasheet
166Kb / 12P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31D TI-SN75LVDS31D Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31DG4 TI-SN75LVDS31DG4 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75LVDS050DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179_0705 TI-SN65LVDM179_0705 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com