Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A44159 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A44159
Description  0.45-W QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A44159 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS3A44159 Datasheet HTML 7Page - Texas Instruments TS3A44159 Datasheet HTML 8Page - Texas Instruments TS3A44159 Datasheet HTML 9Page - Texas Instruments TS3A44159 Datasheet HTML 10Page - Texas Instruments TS3A44159 Datasheet HTML 11Page - Texas Instruments TS3A44159 Datasheet HTML 12Page - Texas Instruments TS3A44159 Datasheet HTML 13Page - Texas Instruments TS3A44159 Datasheet HTML 14Page - Texas Instruments TS3A44159 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
TS3A44159
0.45-
Ω QUAD SPDT ANALOG SWITCH
QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
SCDS225 – MARCH 2007
Electrical Characteristics for 1.8-V Supply (continued)
V
+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25
°C
1.8 V
40
70
VCOM = V+,
Turn-on time
tON
CL = 35 pF
ns
1.65 V to
RL = 50 Ω,
Full
75
1.95 V
25
°C
1.8 V
22
45
VCOM = V+,
Turn-off time
tOFF
CL = 35 pF
ns
1.65 V to
RL = 50 Ω,
Full
50
1.95 V
25
°C
1.8 V
5
25
70
Break-before-
VNC = VNO = V+,
tBBM
CL = 35 pF
ns
1.65 V to
make time
RL = 50 Ω,
Full
4
75
1.95 V
VGEN = 0,
Charge injection
QC
CL = 1 nF
25
°C
1.8 V
64
pC
RGEN = 0,
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
See Figure 17
25
°C
1.8 V
52
pF
OFF capacitance
CNO(OFF)
Switch OFF,
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
See Figure 17
25
°C
1.8 V
164
pF
ON capacitance
CNO(ON)
Switch OFF,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 17
25
°C
1.8 V
164
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND
25
°C
1.8 V
2.5
pF
capacitance
Bandwidth
BW
RL = 50 Ω,
Switch ON
25
°C
1.8 V
35
MHz
RL = 50 Ω,
OFF isolation
OISO
Switch OFF
25
°C
1.8 V
–71
dB
f = 100 kHz,
RL = 50 Ω,
Crosstalk
XTALK
Switch ON
25
°C
1.8 V
–73
dB
f = 100 kHz,
Total harmonic
RL = 600 Ω,
f = 20 Hz to
THD
25
°C
1.8 V
0.1
%
distortion
CL = 50 pF,
20 kHz
Supply
25
  C
0.001
0.05
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
1.95 V
µA
current
Full
0.15
11
Submit Documentation Feedback


Similar Part No. - TS3A44159

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A44159 TI-TS3A44159 Datasheet
1,005Kb / 29P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159 Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI1-TS3A44159 Datasheet
1Mb / 32P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159-DIE TI-TS3A44159-DIE Datasheet
66Kb / 6P
[Old version datasheet]   TS3A44159-DIE Quad SPDT Analog Switch Quad-Channel 2:1 Multiplexer/Demultiplexer With Two Controls
TS3A44159-DIE TI-TS3A44159-DIE_15 Datasheet
66Kb / 6P
[Old version datasheet]   TS3A44159-DIE Quad SPDT Analog Switch Quad-Channel 2:1 Multiplexer/Demultiplexer With Two Controls
More results

Similar Description - TS3A44159

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A44159 TI-TS3A44159_10 Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159_08 Datasheet
1,005Kb / 29P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI1-TS3A44159_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159_15 Datasheet
1Mb / 35P
[Old version datasheet]   TS3A44159 0.45-廓 Quad SPDT Analog Switch 4-Channel 2:1 Multiplexer ??Demultiplexer With Two Controls
TS3A44159-DIE TI-TS3A44159-DIE_15 Datasheet
66Kb / 6P
[Old version datasheet]   TS3A44159-DIE Quad SPDT Analog Switch Quad-Channel 2:1 Multiplexer/Demultiplexer With Two Controls
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B_14 Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com