Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9412G6CH Datasheet(PDF) 5 Page - Winbond

Part # W9412G6CH
Description  2M 횞 4 BANKS 횞 16 BITS DDR SDRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9412G6CH Datasheet(HTML) 5 Page - Winbond

  W9412G6CH Datasheet HTML 1Page - Winbond W9412G6CH Datasheet HTML 2Page - Winbond W9412G6CH Datasheet HTML 3Page - Winbond W9412G6CH Datasheet HTML 4Page - Winbond W9412G6CH Datasheet HTML 5Page - Winbond W9412G6CH Datasheet HTML 6Page - Winbond W9412G6CH Datasheet HTML 7Page - Winbond W9412G6CH Datasheet HTML 8Page - Winbond W9412G6CH Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
W9412G6CH
Publication Release Date: Jul. 04, 2007
- 5 -
Revision A06
3. KEY PARAMETERS
SYMBOL
DESCRIPTION
MIN./MAX.
-45
-5
-6
-75
tCK
CLOCK
CYCLE
TIME
CL = 2
Min.
-
7.5 nS
7.5 nS
7.5 nS
CL = 2.5
Min.
-
6 nS
6 nS
7.5 nS
CL = 3
Min.
4.5 nS
5 nS
6 nS
7.5 nS
tRAS
Active to Precharge Command
Period
Min.
40 nS
40 nS
42 nS
45 nS
tRC
Active to Ref/Active Command
Period
Min.
50 nS
50 nS
54 nS
60 nS
IDD1
Operation Current (Single bank)
Max.
140mA
140mA
130mA
120mA
IDD4
Burst Operation Current
Max.
180mA
180mA
170mA
160mA
IDD6
Self-Refresh Current
Max.
3 mA
3 mA
3 mA
3 mA


Similar Part No. - W9412G6CH

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G6IH WINBOND-W9412G6IH Datasheet
831Kb / 53P
   2M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9412G6JH WINBOND-W9412G6JH Datasheet
1Mb / 53P
   2M ??4 BANKS ??16 BITS DDR SDRAM
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6KH-5-TR WINBOND-W9412G6KH-5-TR Datasheet
1Mb / 52P
   2M 瑗? BANKS 16 BITS DDR SDRAM
More results

Similar Description - W9412G6CH

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G6IH WINBOND-W9412G6IH Datasheet
831Kb / 53P
   2M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9812G6JH WINBOND-W9812G6JH Datasheet
662Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
W9812G6IH WINBOND-W9812G6IH_10 Datasheet
665Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9464G6IB WINBOND-W9464G6IB Datasheet
2Mb / 51P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9425G6EH_0812 WINBOND-W9425G6EH_0812 Datasheet
1Mb / 54P
   4 M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9425G6JH WINBOND-W9425G6JH Datasheet
833Kb / 52P
   4 M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9425G6EH WINBOND-W9425G6EH Datasheet
1Mb / 50P
   4 M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9425G8EH WINBOND-W9425G8EH Datasheet
1Mb / 53P
   8M 횞 4 BANKS 횞 8 BITS DDR SDRAM
W9864G6GH WINBOND-W9864G6GH Datasheet
1Mb / 43P
   1M 횞 4 BANKS 횞 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com