Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83194BR-PT Datasheet(PDF) 8 Page - Winbond

Part # W83194BR-PT
Description  STEPLESS VIA PT MAIN CLOCK GENERATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194BR-PT Datasheet(HTML) 8 Page - Winbond

Back Button W83194BR-PT Datasheet HTML 4Page - Winbond W83194BR-PT Datasheet HTML 5Page - Winbond W83194BR-PT Datasheet HTML 6Page - Winbond W83194BR-PT Datasheet HTML 7Page - Winbond W83194BR-PT Datasheet HTML 8Page - Winbond W83194BR-PT Datasheet HTML 9Page - Winbond W83194BR-PT Datasheet HTML 10Page - Winbond W83194BR-PT Datasheet HTML 11Page - Winbond W83194BR-PT Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
W83194BR-PT
Publication Release Date: April 13, 2005
- 5 -
Revision 1.1
5.6 Power Pins
PIN
PIN NAME
TYPE
DESCRIPTION
2
VDDR
PWR
3.3V power supply for REF.
16
VDDP
PWR
3.3V power supply for PCI.
24
VDDAGP
PWR
3.3V power supply for AGP.
38
VDDC
PWR
3.3V power supply for CPU.
43
VDDCS
PWR
2.5V power supply for CPUCLKT & C _CS.
48
VDDI
PWR
2.5V power supply for IOAPIC.
6
VDDA
PWR
3.3V power for Analog power and 48MHz.
3, 9, 13, 20,
25, 36, 44, 47
GND
PWR
Ground pin
5.7 MULTSEL [1:0] selects Function
MULTSEL1
BYTE 5 BIT 7
MULTSEL0
(PIN 12)
BOARD TARGET
TRACE/TERM Z
REFERENCE R,
IREF = ADD/(3*RR)
OUTPUT
CURRENT
VOH @ Z
0
0
50
Rr =221 1%
IREF = 5.00mA
Ioh=4*IREF
1.0V @ 50
0
0
60
Rr =221 1%
IREF = 5.00mA
Ioh=4*IREF
1.2V @ 60
0
1
50
Rr =221 1%
IREF = 5.00mA
Ioh=5*IREF
1.25V @ 50
0
1
60
Rr =221 1%
IREF = 5.00mA
Ioh=5*IREF
1.5V @ 60
1
0
50
Rr =221 1%
IREF = 5.00mA
Ioh=6*IREF
1.5V @ 50
1
0
60
Rr =221 1%
IREF = 5.00mA
Ioh=6*IREF
1.8V @ 60
1
1
50
Rr =221 1%
IREF = 5.00mA
Ioh=7*IREF
1.75V @ 50
1
1
60
Rr =221 1%
IREF = 5.00mA
Ioh=7*IREF
2.1V @ 50
0
0
50
Rr =475 1%
IREF = 2.32mA
Ioh=4*IREF
0.47V @ 50
0
0
60
Rr =475 1%
IREF = 2.32mA
Ioh=4*IREF
0.56V @ 50
0
1
50
Rr =475 1%
IREF = 2.32mA
Ioh=5*IREF
0.58V @ 50
0
1
60
Rr =475 1%
IREF = 2.32mA
Ioh=5*IREF
0.7V @ 60
1
0
50
Rr =475 1%
IREF = 2.32mA
Ioh=6*IREF
0.7V @ 50
1
0
60
Rr =475 1%
IREF = 2.32mA
Ioh=6*IREF
0.84V @ 60
1
1
50
Rr =475 1%
IREF = 2.32mA
Ioh=7*IREF
0.81V @ 50
1
0
60
Rr =475 1%
IREF = 2.32mA
Ioh=6*IREF
0.97V @ 60


Similar Part No. - W83194BR-PT

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-138 WINBOND-W83194BR-138 Datasheet
233Kb / 14P
   200MHZ CLOCK FOR SOLANO CHIPSET
W83194BR-323 WINBOND-W83194BR-323 Datasheet
319Kb / 18P
   STEPLESS CLOCK FOR INTEL BROOKDALE CHIPSET
W83194BR-372 WINBOND-W83194BR-372 Datasheet
332Kb / 24P
   CLOCK GENERATOR FOR SIS 746/748 CHIPSETS
W83194BR-39B WINBOND-W83194BR-39B Datasheet
276Kb / 20P
   STEP-LESS 3-DIMM CLOCK
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
More results

Similar Description - W83194BR-PT

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-903 WINBOND-W83194BR-903_06 Datasheet
355Kb / 26P
   STEPLESS VIA PT/PM MAIN CLOCK GENERATOR
W83194BR-911 WINBOND-W83194BR-911 Datasheet
365Kb / 25P
   STEPLESS VIA PT/PM MAIN CLOCK GENERATOR
W83194BR-903 WINBOND-W83194BR-903 Datasheet
336Kb / 26P
   STEPLESS VIA PT/PM MAIN CLOCK GENERATOR
logo
Cypress Semiconductor
CY28551 CYPRESS-CY28551 Datasheet
658Kb / 30P
   Universal Clock Generator for Intel, VIA, and SIS짰
CY28551-3 CYPRESS-CY28551-3 Datasheet
887Kb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
logo
Silicon Laboratories
CY28551-3 SILABS-CY28551-3 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
CY28551 SILABS-CY28551 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA, and SIS짰
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83194BR-703 WINBOND-W83194BR-703 Datasheet
741Kb / 28P
   STEPLESS CLOCK FOR SIS 741 CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com