Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320DAC23GQE Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV320DAC23GQE
Description  Stereo Audip D/A Converter, 8-to 96 kHz With intergrated haeadphone Amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320DAC23GQE Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV320DAC23GQE Datasheet HTML 7Page - Texas Instruments TLV320DAC23GQE Datasheet HTML 8Page - Texas Instruments TLV320DAC23GQE Datasheet HTML 9Page - Texas Instruments TLV320DAC23GQE Datasheet HTML 10Page - Texas Instruments TLV320DAC23GQE Datasheet HTML 11Page - Texas Instruments TLV320DAC23GQE Datasheet HTML 12Page - Texas Instruments TLV320DAC23GQE Datasheet HTML 13Page - Texas Instruments TLV320DAC23GQE Datasheet HTML 14Page - Texas Instruments TLV320DAC23GQE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
2−1
2 Specifications
2.1
Absolute Maximum Ratings Over Operating Free-Air Temperature Range (unless
otherwise noted)
Supply voltage range, AVDD to AGND, DVDD to DGND, BVDD to DGND, HPVDD to HPGND
(see Note 1)
−0.3 V to + 3.63 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog supply return to digital supply return, AGND to DGND
−0.3 V to + 0 .3 V
. . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, all input signals: Digital
−0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog
−0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−10
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: DVDD may not exceed BVDD + 0.3V; BVDD may not exceed AVDD + 0.3V or HPVDD + 0.3.
2.2
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Analog supply voltage, AVDD, HPVDD (see Note 2)
2.7
3.3
3.6
V
Digital buffer supply voltage, BVDD (see Note 2)
2.7
3.3
3.6
V
Digital core supply voltage, DVDD (see Note 2)
1.42
1.5
3.6
V
Analog input voltage, (AVDD = 3.3 V)
1
VRMS
Stereo line output load resistance
10
k
Headphone amplifier output load resistance
0
CLKOUT digital output load capacitance
20
pF
All other digital output load capacitance
10
pF
Stereo-line output load capacitance
50
pF
XTI master clock Input
18.43
MHz
DAC conversion rate
96
kHz
Operating free-air temperature, TA
−10
70
°C
NOTE 2: Digital voltage values are with respect to DGND; analog voltage values are with respect to AGND.


Similar Part No. - TLV320DAC23GQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC23GQE TI-TLV320DAC23GQE Datasheet
219Kb / 38P
[Old version datasheet]   STEREO AUDIO D/A CONVERTER, 8-TO 96KHZ WITH INTERGRATED HEADPHONE AMPLIFIER
TLV320DAC23GQER TI-TLV320DAC23GQER Datasheet
219Kb / 38P
[Old version datasheet]   STEREO AUDIO D/A CONVERTER, 8-TO 96KHZ WITH INTERGRATED HEADPHONE AMPLIFIER
More results

Similar Description - TLV320DAC23GQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
TLV320DAC23 TI-TLV320DAC23 Datasheet
219Kb / 38P
[Old version datasheet]   STEREO AUDIO D/A CONVERTER, 8-TO 96KHZ WITH INTERGRATED HEADPHONE AMPLIFIER
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334 Datasheet
817Kb / 26P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334_08 Datasheet
806Kb / 24P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Texas Instruments
TLV320AIC23B-Q1 TI1-TLV320AIC23B-Q1 Datasheet
497Kb / 39P
[Old version datasheet]   Stereo Audio Codec, 8- to 96-kHz, With Integrated Headphone Amplifier
TLV320AIC23 TI-TLV320AIC23_06 Datasheet
222Kb / 44P
[Old version datasheet]   Stereo Audio CODEC, 8-to 96-kHz, With Integrated Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com