Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD631415A Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # CD631415A
Description  POW-R-BLOK Dual SCR Isolated Module 150 Amperes / Up to 1600 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD631415A Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  CD631415A Datasheet HTML 1Page - Powerex Power Semiconductors CD631415A Datasheet HTML 2Page - Powerex Power Semiconductors CD631415A Datasheet HTML 3Page - Powerex Power Semiconductors CD631415A Datasheet HTML 4Page - Powerex Power Semiconductors CD631415A Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
150 Amperes / Up to 1600 Volts
Revision Date: 12/04/2002
CD63__15A
Six-Pulse Bridge Circuit Total Power Dissipation & Maximum Rated Output Current With Sink to Ambient
Resistance of Heatsink as a Parameter.
Total Power Dissipation vs Maximum Rated Output Current
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
0
50
100
150
200
250
300
350
400
450
Maximum Bridge Output Current (A)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
Powerex
CD63--15 Pow-R-Blok 6-Pulse Bridge
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
10
30
50
70
90
110
130
Ambient Temperature (C)
0.30
0.20
0.15
0.12
0.10
0.08
0.06
0.05
0.04
0.03
0.025
0.02
Rth S-A (C/W)
0.40
0.50
0.60


Similar Part No. - CD631415A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD631415B POWEREX-CD631415B Datasheet
113Kb / 4P
   Dual SCR Isolated Module
CD631415C POWEREX-CD631415C Datasheet
486Kb / 4P
   Dual SCR Isolated Module
More results

Similar Description - CD631415A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD6215A POWEREX-CD6215A Datasheet
111Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
CD4390A POWEREX-CD4390A Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
LD4350 POWEREX-LD4350 Datasheet
103Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
CD4360 POWEREX-CD4360 Datasheet
102Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 60 Amperes / Up to 1600 Volts
CD4340 POWEREX-CD4340 Datasheet
102Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts
ND4325 POWEREX-ND4325 Datasheet
107Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (250 Amperes / Up to 1600 Volts)
CD4340A POWEREX-CD4340A Datasheet
100Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts
CD4360A POWEREX-CD4360A Datasheet
100Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 60 Amperes / Up to 1600 Volts
CD4390 POWEREX-CD4390 Datasheet
103Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
CD4290 POWEREX-CD4290 Datasheet
103Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com