Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD671415A Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CD671415A
Description  POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD671415A Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CD671415A Datasheet HTML 1Page - Powerex Power Semiconductors CD671415A Datasheet HTML 2Page - Powerex Power Semiconductors CD671415A Datasheet HTML 3Page - Powerex Power Semiconductors CD671415A Datasheet HTML 4Page - Powerex Power Semiconductors CD671415A Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR/Diode Isolated Module
150 Amperes / Up to 1600 Volts
Revision Date: 12/04/2002
CD62__15A
CD67__15A
CD62__15A, CD67__15A
Outline Dimensions
Dimension
Inches
Millimeters
A
3.70
94
B
1.38
35
C
1.18
30
D
3.15
80
E
0.67
17
F
0.91
23
G
0.57
14.5
H
0.35
9
J
M6
M6
K
0.26
6.5
M
.020
5
N
0.28
7
P
1.10
28
Q
1.14
29
R
0.03
0.8
S
0.11
2.8
Note: Dimensions are for reference only.
CD62__15A, CD67__15A
Dual SCR/Diode Isolated
POW-R-BLOK
TM
Module
150 Amperes / Up to 1600 Volts
Ordering Information
:
Select the complete nine digit module
part number from the table below.
Example: CD621615A is a 1600Volt,
150 Ampere SCR/Diode Isolated
POW-R-BLOK
TM Module
Type
Voltage
Volts
(x100)
Current
Amperes
(x 10)
CD62
CD67
08
12
14
16
15
Description:
Powerex SCR/Diode Modules are
designed for use in applications
requiring phase control and isolated
packaging. The modules are isolated
for easy mounting with other
components on a common heatsink.
POW-R-BLOK
TM has been tested and
recognized by the Underwriters
Laboratories.
Features:
T Electrically Isolated Heatsinking
T DBC Alumina (Al2O3) Insulator
T Glass Passivated Chips
T Metal Baseplate
T Low Thermal Impedance
for Improved Current Capability
T Quick Connect Gate Terminal
with Provision for Keyed Mating
Plug
T UL Recognized (E78240)
Benefits:
T No Additional Insulation
Components Required
T Easy Installation
T No Clamping Components
Required
T Reduce Engineering Time
Applications:
T Bridge Circuits
T AC & DC Motor Drives
T Battery Supplies
T Power Supplies
T Large IGBT Circuit Front Ends
T Lighting Control
T Heat & Temperature Control
T Welders
A
D
G
C
12
3
B
E
F
F
H
"J" (3)
5
7
M
N
P
Q
R
S
4
6
F "K" (2)
OUTLINE DRAWING
CONNECTION DIAGRAMS
CD62
1
3
2
CD67
1
~
3 -
4
5
2
6
7
~
-


Similar Part No. - CD671415A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD671415B POWEREX-CD671415B Datasheet
115Kb / 4P
   Dual SCR/Diode Isolated Module
More results

Similar Description - CD671415A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD6315A POWEREX-CD6315A Datasheet
111Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module 150 Amperes / Up to 1600 Volts
CD4290 POWEREX-CD4290 Datasheet
103Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
LD4750 POWEREX-LD4750 Datasheet
102Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
ND4225 POWEREX-ND4225 Datasheet
107Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / Up to 1600 Volts)
CD42 POWEREX-CD42 Datasheet
106Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 40 Amperes / Up to 1600 Volts
CD4290A POWEREX-CD4290A Datasheet
106Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
CD4390A POWEREX-CD4390A Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
LD4350 POWEREX-LD4350 Datasheet
103Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
CD4360 POWEREX-CD4360 Datasheet
102Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 60 Amperes / Up to 1600 Volts
CD4340 POWEREX-CD4340 Datasheet
102Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com