Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC253M96 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC253M96
Description  Dual 4-Input Multiplexer, Three-State
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC253M96 Datasheet(HTML) 3 Page - Texas Instruments

  CD74AC253M96 Datasheet HTML 1Page - Texas Instruments CD74AC253M96 Datasheet HTML 2Page - Texas Instruments CD74AC253M96 Datasheet HTML 3Page - Texas Instruments CD74AC253M96 Datasheet HTML 4Page - Texas Instruments CD74AC253M96 Datasheet HTML 5Page - Texas Instruments CD74AC253M96 Datasheet HTML 6Page - Texas Instruments CD74AC253M96 Datasheet HTML 7Page - Texas Instruments CD74AC253M96 Datasheet HTML 8Page - Texas Instruments CD74AC253M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±50mA
DC Output Source or Sink Current per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±50mA
DC VCC or Ground Current, ICC or IGND (Note 3) . . . . . . . . .±100mA
Operating Conditions
Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . -55
oC to 125oC
Supply Voltage Range, VCC (Note 4)
AC Types. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5V to 5.5V
ACT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC
Input Rise and Fall Slew Rate, dt/dv
AC Types, 1.5V to 3V . . . . . . . . . . . . . . . . . . . . . . . . . 50ns (Max)
AC Types, 3.6V to 5.5V . . . . . . . . . . . . . . . . . . . . . . . . 20ns (Max)
ACT Types, 4.5V to 5.5V. . . . . . . . . . . . . . . . . . . . . . . 10ns (Max)
Thermal Resistance (Typical, Note 5)
θJA (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
___
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
___
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . 150C
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3. For up to 4 outputs per device, add
±25mA for each additional output.
4. Unless otherwise specified, all voltages are referenced to ground.
5.
θJA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
AC TYPES
High Level Input Voltage
VIH
-
-
1.5
1.2
-
1.2
-
1.2
-
V
3
2.1
-
2.1
-
2.1
-
V
5.5
3.85
-
3.85
-
3.85
-
V
Low Level Input Voltage
VIL
-
-
1.5
-
0.3
-
0.3
-
0.3
V
3
-
0.9
-
0.9
-
0.9
V
5.5
-
1.65
-
1.65
-
1.65
V
High Level Output Voltage
VOH
VIH or VIL
-0.05
1.5
1.4
-
1.4
-
1.4
-
V
-0.05
3
2.9
-
2.9
-
2.9
-
V
-0.05
4.5
4.4
-
4.4
-
4.4
-
V
-4
3
2.58
-
2.48
-
2.4
-
V
-24
4.5
3.94
-
3.8
-
3.7
-
V
-75
(Note 6, 7)
5.5
-
-
3.85
-
-
-
V
-50
(Note 6, 7)
5.5
----
3.85
-
V
CD74AC253, CD54/74ACT253


Similar Part No. - CD74AC253M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC253M96 TI-CD74AC253M96 Datasheet
569Kb / 16P
[Old version datasheet]   Dual 4-Input Multiplexer, Three-State
CD74AC253M96E4 TI-CD74AC253M96E4 Datasheet
569Kb / 16P
[Old version datasheet]   Dual 4-Input Multiplexer, Three-State
CD74AC253M96G4 TI-CD74AC253M96G4 Datasheet
569Kb / 16P
[Old version datasheet]   Dual 4-Input Multiplexer, Three-State
More results

Similar Description - CD74AC253M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC253 TI-CD74AC253 Datasheet
37Kb / 7P
[Old version datasheet]   Dual 4-Input Multiplexer, Three-State
CD74AC253 TI-CD74AC253_08 Datasheet
569Kb / 16P
[Old version datasheet]   Dual 4-Input Multiplexer, Three-State
logo
Intersil Corporation
ACS253MS INTERSIL-ACS253MS Datasheet
48Kb / 2P
   Radiation Hardened Dual 4-Input Multiplexer with Three-State Outputs
November 1997
logo
Texas Instruments
CD74AC251 TI-CD74AC251 Datasheet
38Kb / 8P
[Old version datasheet]   8-Input Multiplexer, Three-State
CD74AC251 TI1-CD74AC251_14 Datasheet
690Kb / 14P
[Old version datasheet]   8-Input Multiplexer, Three-State
logo
Nexperia B.V. All right...
74HC253-Q100 NEXPERIA-74HC253-Q100 Datasheet
749Kb / 15P
   Dual 4-input multiplexer; 3-state
logo
NXP Semiconductors
74HC_HCT253 PHILIPS-74HC_HCT253_15 Datasheet
182Kb / 17P
   Dual 4-input multiplexer; 3-state
Rev. 5-21 January 2015
74HC253 PHILIPS-74HC253 Datasheet
50Kb / 7P
   Dual 4-input multiplexer; 3-state
December 1990
74F353 PHILIPS-74F353 Datasheet
110Kb / 10P
   Dual 4-input multiplexer 3-State
1996 Jan 05
logo
Nexperia B.V. All right...
74HC-HCT253-Q100 NEXPERIA-74HC-HCT253-Q100 Datasheet
257Kb / 15P
   Dual 4-input multiplexer; 3-state
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com