Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS56 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN54LS56
Description  FREQUENCY DIVIDERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS56 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN54LS56 Datasheet HTML 2Page - Texas Instruments SN54LS56 Datasheet HTML 3Page - Texas Instruments SN54LS56 Datasheet HTML 4Page - Texas Instruments SN54LS56 Datasheet HTML 5Page - Texas Instruments SN54LS56 Datasheet HTML 6Page - Texas Instruments SN54LS56 Datasheet HTML 7Page - Texas Instruments SN54LS56 Datasheet HTML 8Page - Texas Instruments SN54LS56 Datasheet HTML 9Page - Texas Instruments SN54LS56 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74LS56P
OBSOLETE
PDIP
P
8
TBD
Call TI
Call TI
SN74LS57P
OBSOLETE
PDIP
P
8
TBD
Call TI
Call TI
SN74LS57P
OBSOLETE
PDIP
P
8
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
24-Jun-2005
Addendum-Page 1


Similar Part No. - SN54LS56

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS56 TI-SN54LS56 Datasheet
300Kb / 5P
[Old version datasheet]   FREQUENCY DIVIDERS
logo
Motorola, Inc
SN54LS569A MOTOROLA-SN54LS569A Datasheet
260Kb / 8P
   FOUR-BIT UP/DOWN COUNTER WITH THREE-STATE OUTPUTS
SN54LS569J MOTOROLA-SN54LS569J Datasheet
260Kb / 8P
   FOUR-BIT UP/DOWN COUNTER WITH THREE-STATE OUTPUTS
More results

Similar Description - SN54LS56

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LS56P TI-74LS56P Datasheet
300Kb / 5P
[Old version datasheet]   FREQUENCY DIVIDERS
SN74LS292 TI1-SN74LS292_16 Datasheet
341Kb / 19P
[Old version datasheet]   Programmable Frequency Dividers
logo
LSI Computer Systems
RED LSI-RED Datasheet
35Kb / 2P
   AC LINE FREQUENCY DIVIDERS
logo
Texas Instruments
SN54LS292 TI-SN54LS292_08 Datasheet
509Kb / 16P
[Old version datasheet]   PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
SN54LS292 TI-SN54LS292 Datasheet
296Kb / 8P
[Old version datasheet]   PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
logo
Pasternack Enterprises,...
PE88D1000 PASTERNACK-PE88D1000 Datasheet
486Kb / 7P
   Frequency Dividers Technical Data Sheet
logo
STMicroelectronics
HCC4017B STMICROELECTRONICS-HCC4017B Datasheet
281Kb / 12P
   COUNTERS/DIVIDERS
logo
Anaren Microwave
40266 ANAREN-40266_14 Datasheet
211Kb / 4P
   Power Dividers
logo
Analog Devices
AD531 AD-AD531_15 Datasheet
2Mb / 6P
   MULTIPLIERS DIVIDERS
logo
Anaren Microwave
40255 ANAREN-40255 Datasheet
597Kb / 3P
   Power Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com