Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LVTH16952 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54LVTH16952
Description  3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVTH16952 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54LVTH16952 Datasheet HTML 3Page - Texas Instruments SN54LVTH16952 Datasheet HTML 4Page - Texas Instruments SN54LVTH16952 Datasheet HTML 5Page - Texas Instruments SN54LVTH16952 Datasheet HTML 6Page - Texas Instruments SN54LVTH16952 Datasheet HTML 7Page - Texas Instruments SN54LVTH16952 Datasheet HTML 8Page - Texas Instruments SN54LVTH16952 Datasheet HTML 9Page - Texas Instruments SN54LVTH16952 Datasheet HTML 10Page - Texas Instruments SN54LVTH16952 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN54LVTH16952, SN74LVTH16952
3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS697G – JULY 1997 – REVISED APRIL 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
SN54LVTH16952
SN74LVTH16952
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
150
150
MHz
tw
Pulse duration
CLK high or low
3.3
3.3
3.3
3.3
ns
t
Setup time
A or B before CLK
2.6
3.3
1.7
2.5
ns
tsu
Setup time
CLKEN before CLK
2.2
2.8
2
2.8
ns
th
Hold time
A or B after CLK
1
1
0.8
0
ns
th
Hold time
CLKEN after CLK
1.4
1.5
0.4
0
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
SN54LVTH16952
SN74LVTH16952
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
fmax
150
150
150
150
MHz
tPLH
CLKBA or
AorB
1.6
5.7
7.4
1.3
2.7
4
4.4
ns
tPHL
CLKBA or
CLKAB
A or B
1.7
6
7
1.3
2.7
4
4.4
ns
tPZH
OEBA or OEAB
AorB
0.9
5
7.3
1
2.3
4
4.9
ns
tPZL
OEBA or OEAB
A or B
1.1
5.2
5.9
1
2.4
4
4.9
ns
tPHZ
OEBA or OEAB
AorB
1.7
6.7
7.3
2.1
3.9
5.7
6.2
ns
tPLZ
OEBA or OEAB
A or B
1.1
5.8
6
2.1
3.5
5.1
5.3
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.


Similar Part No. - SN54LVTH16952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16952 TI-SN54LVTH16952 Datasheet
211Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16952WD TI-SN54LVTH16952WD Datasheet
211Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54LVTH16952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16543 TI-SN54LVTH16543_07 Datasheet
258Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16543 TI-SN54LVT16543 Datasheet
145Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16952 TI-SN54LVTH16952 Datasheet
211Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16543 TI1-SN54LVT16543_15 Datasheet
830Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16543 TI-SN54LVTH16543_06 Datasheet
216Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16952 TI-SN54LVT16952 Datasheet
194Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16543 TI-SN54LVTH16543 Datasheet
138Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT543 TI-SN54LVT543_07 Datasheet
385Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT543 TI-SN54LVT543 Datasheet
335Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH543 TI-SN54LVTH543_08 Datasheet
528Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com