Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT21 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT21
Description  High-Speed CMOS Logic Dual 4-Input AND Gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT21 Datasheet(HTML) 2 Page - Texas Instruments

  CD74HCT21 Datasheet HTML 1Page - Texas Instruments CD74HCT21 Datasheet HTML 2Page - Texas Instruments CD74HCT21 Datasheet HTML 3Page - Texas Instruments CD74HCT21 Datasheet HTML 4Page - Texas Instruments CD74HCT21 Datasheet HTML 5Page - Texas Instruments CD74HCT21 Datasheet HTML 6Page - Texas Instruments CD74HCT21 Datasheet HTML 7Page - Texas Instruments CD74HCT21 Datasheet HTML 8Page - Texas Instruments CD74HCT21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Functional Diagram
Logic Symbol
TRUTH TABLE
INPUTS
OUTPUT
nA
nB
nC
nD
nY
LX
X
X
L
XLX
X
L
XX
L
X
L
XXX
L
L
HHHHH
H = High Voltage Level, L = Low Voltage Level, X = Irrelevant
1A
1C
2A
2B
2D
1
4
5
9
12
13
6
2Y
1Y
8
1D
GND = 7
VCC = 14
NC = 3, 11
2C
1B
2
10
nA
nB
nY
nC
nD
CD54HC21, CD74HC21, CD74HCT21


Similar Part No. - CD74HCT21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT21 TI-CD74HCT21 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input AND Gate
CD74HCT21 TI-CD74HCT21 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input AND Gate
CD74HCT21 TI-CD74HCT21 Datasheet
440Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input AND Gate
CD74HCT21E TI-CD74HCT21E Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input AND Gate
CD74HCT21E TI-CD74HCT21E Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input AND Gate
More results

Similar Description - CD74HCT21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC21 TI-CD74HC21 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input AND Gate
CD54HC21 TI-CD54HC21_08 Datasheet
440Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input AND Gate
CD54HC21 TI-CD54HC21 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input AND Gate
CD54HC4002 TI-CD54HC4002 Datasheet
337Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
CD74HC20 TI-CD74HC20 Datasheet
45Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input NAND Gate
CD54HC20 TI-CD54HC20 Datasheet
257Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NAND Gate
CD74HCT20EE4 TI1-CD74HCT20EE4 Datasheet
603Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NAND Gate
CD74HC20-Q1 TI1-CD74HC20-Q1 Datasheet
141Kb / 7P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DUAL 4-INPUT NAND GATE
CD54HC4002 TI-CD54HC4002_07 Datasheet
489Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
CD74HC4002 TI-CD74HC4002 Datasheet
36Kb / 5P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com