Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16031 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16031
Description  EEPROM-Based System Monitors with Nonvolatile Fault Memory
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16031 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16031 Datasheet HTML 1Page - Maxim Integrated Products MAX16031 Datasheet HTML 2Page - Maxim Integrated Products MAX16031 Datasheet HTML 3Page - Maxim Integrated Products MAX16031 Datasheet HTML 4Page - Maxim Integrated Products MAX16031 Datasheet HTML 5Page - Maxim Integrated Products MAX16031 Datasheet HTML 6Page - Maxim Integrated Products MAX16031 Datasheet HTML 7Page - Maxim Integrated Products MAX16031 Datasheet HTML 8Page - Maxim Integrated Products MAX16031 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
EEPROM-Based System Monitors
with Nonvolatile Fault Memory
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
A = 6
232
A = 12
116
A = 24
58
Current-Sense Analog Input
Range
VCS+ - VCS-
A = 48
29
mV
VSENSE = 150mV, (A = 6 only)
-4
±0.2
+4
VSENSE = 50mV, (A = 6, 12 only)
-10
±1.2
+10
VSENSE = 25mV
±2
ADC Current-Sense
Measurement Accuracy
VSENSE = 10mV
±10
%
Gain Accuracy
VSENSE = 20mV to 100mV,
VCS+ = 12V, A = 6
-3
+3
%
Common-Mode Rejection Ratio
CMRRCS
VCS+ > 4V
80
dB
Power-Supply Rejection Ratio
PSRRCS
80
dB
OVERC Output Leakage Current
IOVERCLKG
1µA
OVERC Output Low Voltage
VOLOVERC IOUT = 3mA
0.4
V
OVERC Propagation Delay
tOVERC
VSENSE - VCSTH > 10% x VCSTH
5µs
SMBus INTERFACE (SCL, SDA)
Logic-Input Low Voltage
VIL
Input voltage falling
0.8
V
Logic-Input High Voltage
VIH
Input voltage rising
2.0
V
Input Leakage Current
GND or 5.5V (VCC = 5.5V) VSCL, VSDA
-1
+1
µA
Output Low Voltage
VOL
ISINK = 3mA
0.4
V
Input Capacitance
CIN
5pF
ALERT, FAULT_, AND GPIO_ OUTPUTS
ALERT, FAULT_, and GPIO_
Output Low Voltage
ISINK = 3mA
0.4
V
ALERT, FAULT_, and GPIO_
Leakage Current
VALERT, VFAULT, VGPIO_ = 5.5V or GND
-1
+1
µA
GPIO_ (INPUT)
Logic-Low Voltage
GPIO_ voltage falling
0.8
V
Logic-High Voltage
GPIO_ voltage rising
2.0
V
SMBus ADDRESS (A0 and A1)
Address Logic-Low
0.4
V
Address Logic-High
1.4
V
High-Impedance Leakage
Current
Maximum current to achieve high-
impedance logic level
-1
+1
µA
Input Leakage Current
0 to 3V, VCC = 3V
-12
+12
µA
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.9V to 14V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at VCC = 3.3V, TA = +25°C.) (Note 1)


Similar Part No. - MAX16031

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16031 MAXIM-MAX16031 Datasheet
1,019Kb / 18P
   LEDs Indicate Each Output is State
Rev 0; 11/07
MAX16031ETM++ MAXIM-MAX16031ETM+ Datasheet
290Kb / 41P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 2; 6/10
MAX16031EVKIT MAXIM-MAX16031EVKIT Datasheet
1,019Kb / 18P
   LEDs Indicate Each Output is State
Rev 0; 11/07
MAX16031EVKIT++ MAXIM-MAX16031EVKIT+ Datasheet
1,019Kb / 18P
   LEDs Indicate Each Output is State
Rev 0; 11/07
MAX16031 MAXIM-MAX16031_10 Datasheet
290Kb / 41P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 2; 6/10
More results

Similar Description - MAX16031

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16031 MAXIM-MAX16031_10 Datasheet
290Kb / 41P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 2; 6/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
logo
Siemens Semiconductor G...
SDA2526-2 SIEMENS-SDA2526-2 Datasheet
1,019Kb / 12P
   NONVOLATILE MEMORY 2-Kbit EEPROM WITH I2C BUS
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com