Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4094PWRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4094PWRG4
Description  High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4094PWRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC4094PWRG4 Datasheet HTML 3Page - Texas Instruments CD74HC4094PWRG4 Datasheet HTML 4Page - Texas Instruments CD74HC4094PWRG4 Datasheet HTML 5Page - Texas Instruments CD74HC4094PWRG4 Datasheet HTML 6Page - Texas Instruments CD74HC4094PWRG4 Datasheet HTML 7Page - Texas Instruments CD74HC4094PWRG4 Datasheet HTML 8Page - Texas Instruments CD74HC4094PWRG4 Datasheet HTML 9Page - Texas Instruments CD74HC4094PWRG4 Datasheet HTML 10Page - Texas Instruments CD74HC4094PWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Output Enable to Qn
tPZH, tPZL CL = 50pF
2
-
-
175
-
220
-
265
ns
4.5
-
-
35
-
44
-
53
ns
6
-
-
30
-
37
-
45
ns
Output Disable to Qn
tPHZ, tPLZ CL = 50pF
2
-
-
125
-
155
-
190
ns
4.5
-
-
25
-
31
-
38
ns
6
-
-
21
-
26
-
32
ns
Output Transition Time
tTLH,tTHL CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Output Disabling Time
tPHZ, tPLZ CL =15pF
5
-
10
-
-
-
-
-
ns
Maximum CP Frequency
fMAX
CL =15pF
5
-
60
-
-
-
-
-
MHz
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 4, 5)
CPD
CL =15pF
5
-
90
-
-
-
-
-
pF
Three-State Output
Capacitance
CO
CL = 50pF
-
-
-
15
-
15
-
15
pF
HCT TYPES
Propagation Delay Time
(Figure 1)
tPLH,
tPHL
CL = 50pF
4.5
-
-
39
-
-
-
-
ns
CP to QS1
CL =15pF
5
-
16
-
-
-
-
-
ns
CP to QS2
tPLH,
tPHL
CL = 50pF
4.5
-
-
36
-
-
-
-
ns
CL =15pF
5
-
15
-
-
-
-
-
ns
CP to Qn
tPLH,
tPHL
CL = 50pF
4.5
-
-
43
-
-
-
-
ns
CL =15pF
5
-
18
-
-
-
-
-
ns
STR to Qn
tPLH,
tPHL
CL = 50pF
4.5
-
-
39
-
-
-
-
ns
Output Enable to Qn
tPZH, tPZL CL = 50pF
4.5
-
-
35
-
-
-
-
ns
Output Disable to Qn
tPHZ, tPLZ CL = 50pF
4.5
-
-
35
-
-
-
-
ns
Output Transition Time
tTLH,tTHL CL = 50pF
4.5
-
-
15
-
-
-
-
ns
Output Disabling Time
tPHZ, tPLZ CL =15pF
5
-
14
-
-
-
-
-
ns
Maximum CP Frequency
fMAX
CL =15pF
5
-
60
-
-
-
-
-
MHz
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 4, 5)
CPD
CL =15pF
5
-
110
-
-
-
-
-
pF
Three-State Output
Capacitance
CO
CL = 50pF
-
-
-
15
-
15
-
15
pF
NOTES:
4. CPD is used to determine the dynamic power consumption, per register.
5. PD = VCC
2 f
i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC4094, CD74HC4094, CD74HCT4094


Similar Part No. - CD74HC4094PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4094PWRG4 TI-CD74HC4094PWRG4 Datasheet
615Kb / 19P
[Old version datasheet]   HIgh-Speed CMOS Logic 8-Stage Shift and Store Bus Register,Three-State
More results

Similar Description - CD74HC4094PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4094 TI-CD54HC4094 Datasheet
366Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
CD74HC4094 TI-CD74HC4094 Datasheet
50Kb / 10P
[Old version datasheet]   High Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
logo
Harris Corporation
CD74HC4094 HARRIS-CD74HC4094 Datasheet
69Kb / 8P
   High Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
logo
Texas Instruments
CD54HC4094 TI-CD54HC4094_10 Datasheet
615Kb / 19P
[Old version datasheet]   HIgh-Speed CMOS Logic 8-Stage Shift and Store Bus Register,Three-State
CD4094BF3A TI-CD4094BF3A Datasheet
1Mb / 14P
[Old version datasheet]   CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
CD4094B TI1-CD4094B_15 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS 8-Stage Shift-and-Store Bus Register
CD4094B TI-CD4094B Datasheet
281Kb / 5P
[Old version datasheet]   CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Intersil Corporation
CD4094BMS INTERSIL-CD4094BMS Datasheet
87Kb / 11P
   CMOS 8-Stage Shift-and-Store Bus Register
December 1992
logo
Texas Instruments
CD4094B TI1-CD4094B Datasheet
1Mb / 14P
[Old version datasheet]   CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com