Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4122 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AKD4122
Description  24-Bit 96kHz SRC with DIR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4122 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AKD4122 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4122 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4122 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4122 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4122 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4122 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4122 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4122 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4122 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
ASAHI KASEI
[AK4122]
MS0267-E-03
2004/08
- 10 -
SWITCHING CHARACTERISTICS
(Ta=25
°C; AVDD, DVDD=3.0 ∼ 3.6V; C
L=20pF)
Parameter
Symbol
min
typ
max
Units
Master Clock Timing
Frequency
Pulse Width Low
Pulse Width High
fCLK
tCLKL
tCLKH
8.192
0.4/fCLK
0.4/fCLK
36.864
MHz
ns
ns
LRCK for Input data (LRCK1, LRCK2)
Frequency
Duty Cycle
fs
Duty
8
48
50
96
52
kHz
%
LRCK for Output data (LRCK, LRCK2)
Frequency
(Note 10)
Duty Cycle
Slave Mode
Master Mode
fs
Duty
Duty
32
48
50
50
96
52
kHz
%
%
S/PDIF Clock Recover Frequency
fPLL
32
96
kHz
Audio Interface Timing
Input for PORT1
BICK1 Period
BICK1 Pulse Width Low
Pulse Width High
LRCK1 Edge to BICK1 “
↑”
(Note 11)
BICK1 “
↑” to LRCK1 Edge
(Note 11)
SDTI Hold Time from BICK1 “
↑”
SDTI Setup Time to BICK1 “
↑”
tBCK
tBCKL
tBCKH
tLRB
tBLR
tSDH
tSDS
1/64fs
65
65
30
30
30
30
ns
ns
ns
ns
ns
ns
ns
Input for PORT2 (Slave mode)
BICK2 Period
BICK2 Pulse Width Low
Pulse Width High
LRCK2 Edge to BICK2 “
↑”
(Note 11)
BICK2 “
↑” to LRCK2 Edge
(Note 11)
SDTIO Hold Time from BICK2 “
↑”
SDTIO Setup Time to BICK2 “
↑”
tBCK
tBCKL
tBCKH
tLRB
tBLR
tSDH
tSDS
1/64fs
65
65
30
30
30
30
ns
ns
ns
ns
ns
ns
ns
Output for PORT2 (Slave mode)
BICK2 Period
BICK2 Pulse Width Low
Pulse Width High
LRCK2 Edge to BICK2 “
↑”
(Note 11)
BICK2 “
↑” to LRCK2 Edge
(Note 11)
LRCK2 to SDTIO (MSB) (Except I
2S mode)
BICK2 “
↓” to SDTIO
tBCK
tBCKL
tBCKH
tLRB
tBLR
tLRS
tBSD
1/64fs
65
65
30
30
30
30
ns
ns
ns
ns
ns
ns
ns
Note 10. Min value is 8kHz at BYPASS mode.
Note 11. BICK1 rising edge must not occur at the same time as LRCK1 edge.
BICK2 rising edge must not occur at the same time as LRCK2 edge.


Similar Part No. - AKD4122

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4122 AKM-AKD4122 Datasheet
516Kb / 36P
   Evaluation board Rev.A for AK4122
AKD4122 AKM-AKD4122 Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
AKD4122A AKM-AKD4122A Datasheet
535Kb / 54P
   24-Bit 96kHz SRC with DIR
AKD4122A-A AKM-AKD4122A-A Datasheet
965Kb / 37P
   Evaluation board Rev.0 for AK4122A
More results

Similar Description - AKD4122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK4122 ETC-AK4122 Datasheet
403Kb / 54P
   24 BIT 96KHZ SRC WITH DIR
logo
Asahi Kasei Microsystem...
AK4122A AKM-AK4122A Datasheet
535Kb / 54P
   24-Bit 96kHz SRC with DIR
AK4122 AKM-AK4122 Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4112B AKM-AK4112B Datasheet
334Kb / 30P
   HIGH FEATURE 96kHz 24BIT DIR
AK4112A AKM-AK4112A Datasheet
304Kb / 31P
   High Feature 96kHz 24bit DIR
AK4112B(VM) AKM-AK4112B(VM) Datasheet
353Kb / 31P
   High Feature 96kHz 24bit DIR
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com