Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4340 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK4340
Description  192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4340 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK4340_06 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4340_06 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4340_06 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4340_06 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4340_06 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4340_06 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4340_06 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4340_06 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4340_06 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ASAHI KASEI
[AK4340]
MS0501-E-00
2006/04
- 10 -
OPERATION OVERVIEW
System Clock
The AK4340 requires MCLK, BICK and LRCK external clocks. The master clock (MCLK) should be synchronized with
LRCK but the phase is not critical. The MCLK is used to operate the digital interpolation filter and the delta-sigma
modulator. There are two methods to set MCLK frequency. In Manual Setting Mode (ACKS = “0”: Register 00H), the
sampling speed is set by DFS0/1 (Table 1). The frequency of MCLK at each sampling speed is set automatically. (Table
2) After exiting reset (PDN pin = “
↑”), the AK4340 is in Auto Setting Mode. In Auto Setting Mode (ACKS = “1”:
Default), as MCLK frequency is detected automatically (Table 3), and the internal master clock becomes the appropriate
frequency (Table 4), it is not necessary to set DFS0/1.
In parallel control mode, the sampling speed can be set by only ACKS pin. The internal DFS0 and DFS1 bits are fixed to
“0”. Therefore, when ACKS pin is “L”, the AK4340 operates in Normal Speed Mode. The AK4340 operates in Auto
Setting Mode at ACKS pin = “H”. In parallel control mode, the AK4340 does not support 128fs and 192fs of Double
Speed Mode.
All external clocks (MCLK, BICK and LRCK) should always be present whenever the AK4340 is in the normal operation
mode (PDN pin = “H”). If these clocks are not provided, the AK4340 may draw excess current and may fall into
unpredictable operation. This is because the device utilizes dynamic refreshed logic internally. The AK4340 should be
reset by PDN pin = “L” after threse clocks are provided. If the external clocks are not present, the AK4340 should be in
the power-down mode (PDN pin = “L”). After exiting reset at power-up etc., the AK4340 is in the power-down mode
until MCLK and LRCK are input.
DFS1
DFS0
Sampling Rate (fs)
0
0
Normal Speed Mode
8kHz~48kHz
Default
0
1
Double Speed Mode
60kHz~96kHz
1
0
Quad Speed Mode
120kHz~192kHz
Table 1. Sampling Speed (Manual Setting Mode)
LRCK
(kHz)
MCLK(MHz)
BICK
(MHz)
DFS1
DFS0
Sampling
Speed
fs
128fs
192fs
256fs
384fs
512fs
768fs
1152fs
64fs
0
0
32.0
-
-
8.1920
12.2880
16.3840
24.5760
36.8640
2.0480
0
0
44.1
-
-
11.2896
16.9344
22.5792
33.8688
-
2.8224
0
0
Normal
48.0
-
-
12.2880
18.4320
24.5760
36.8640
-
3.0720
0
1
88.2
11.2896
16.9344
22.5792
33.8688
-
-
-
5.6448
0
1
Double
96.0
12.2880
18.4320
24.5760
36.8640
-
-
-
6.1440
1
0
176.4
22.5792
33.8688
-
-
-
-
-
11.2896
1
0
Quad
192.0
24.5760
36.8640
-
-
-
-
-
12.2880
Table 2. System Clock Example (Manual Setting Mode)


Similar Part No. - AK4340_06

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340ET AKM-AK4340ET Datasheet
253Kb / 21P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
AK4340ET AKM-AK4340ET Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Similar Description - AK4340_06

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4424 AKM-AK4424 Datasheet
336Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4426 AKM-AK4426 Datasheet
506Kb / 28P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4341 AKM-AK4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com