Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4359 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD4359
Description  106dB 192kHz 24-Bit 8ch DAC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4359 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD4359 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
ASAHI KASEI
[AK4359]
MS0289-E-02
2006/03
- 1 -
GENERAL DESCRIPTION
The AK4359 is eight channels 24bit DAC corresponding to digital audio system. Using AKM's advanced
multi bit architecture for its modulator the AK4359 delivers a wide dynamic range while preserving linearity
for improved THD+N performance. The AK4359 has single end SCF outputs, increasing performance for
systems with excessive clock jitter. The AK4359 accepts 192kHz PCM data, ideal for a wide range of
applications including DVD-Audio.
FEATURES
Sampling Rate Ranging from 8kHz to 192kHz
24Bit 8 times Digital Filter with Slow roll-off option
THD+N:
-94dB
DR, S/N:
106dB
High Tolerance to Clock Jitter
Single Ended Output Buffer with 2nd order Analog LPF
Digital De-emphasis for 32, 44.1 & 48kHz sampling
Zero Detect function
Channel Independent Digital Attenuator (Linear 256 steps)
3-wire Serial and I
2C Bus
µP I/F for mode setting
I/F format: MSB justified, LSB justified (16bit, 20bit, 24bit), I
2S, TDM
Master clock:
256fs, 384fs, 512fs or 768fs or 1152fs (Normal Speed Mode)
128fs, 192fs, 256fs or 384fs (Double Speed Mode)
128fs or 192fs (Quad Speed Mode)
Power Supply: 4.5 to 5.5V
30pin VSOP Package
SCF
DAC
DATT
DZF
LOUT1
SCF
DAC
DATT
ROUT1
SCF
DAC
DATT
LOUT2
SCF
DAC
DATT
ROUT2
SCF
DAC
DATT
LOUT3
SCF
DAC
DATT
ROUT3
Audio
I/F
Control
Register
AK4359
MCLK
LRCK
BICK
3-wire
or I2C
SDTI1
SDTI2
SDTI3
PCM
SCF
DAC
DATT
LOUT4
SCF
DAC
DATT
ROUT4
SDTI4
LPF
LPF
LPF
LPF
LPF
LPF
LPF
LPF
106dB 192kHz 24-Bit 8ch DAC
AK4359


Similar Part No. - AKD4359

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4359 AKM-AKD4359 Datasheet
369Kb / 32P
   192 KHZ 24 BIT 8CH DAC
AKD4359-SC AKM-AKD4359-SC Datasheet
393Kb / 33P
   the 24bit 8ch D/A converter.
AKD4359A AKM-AKD4359A Datasheet
598Kb / 34P
   106dB 192kHz 24-Bit 8ch DAC
More results

Similar Description - AKD4359

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4359A AKM-AK4359A Datasheet
598Kb / 34P
   106dB 192kHz 24-Bit 8ch DAC
AK4384 AKM-AK4384 Datasheet
241Kb / 22P
   106dB 192kHz 24-Bit 2ch DAC
AK4387 AKM-AK4387 Datasheet
250Kb / 21P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4384 AKM-AK4384_06 Datasheet
281Kb / 24P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4440 AKM-AK4440 Datasheet
656Kb / 31P
   192kHz 24-Bit 8ch DAC with 2Vrms Output
AK4358 AKM-AK4358_06 Datasheet
398Kb / 36P
   192kHz 24-Bit 8ch DAC with DSD Input
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com