Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4524 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD4524
Description  24Bit 96kHz Audio CODEC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4524 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD4524 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4524 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4524 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4524 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4524 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4524 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4524 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4524 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4524 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ASAHI KASEI
[AK4524]
M0050-E-03
2004/01
- 4 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
VCOM
O
Common Voltage Output Pin, VA/2
Bias voltage of ADC inputs and DAC outputs.
2
AINR
I
Rch Analog Input Pin
3
AINL
I
Lch Analog Input Pin
4
VREF
I
Voltage Reference Input Pin, VA
Used as a voltage reference by ADC & DAC. VREF is connected externally to
filtered VA.
5
AGND
-
Analog Ground Pin
6
VA
-
Analog Power Supply Pin, 4.75
∼ 5.25V
7
TEST
I
Test Pin
(Internal pull-down pin)
8
XTO
O
X’tal Output Pin
9
XTI
I
X’tal/Master Clock Input Pin
10
XTALE
I
X’tal Osc Enable Pin
“H”: Enable,
“L”: Disable
11
LRCK
I/O
Input/Output Channel Clock Pin
12
BICK
I/O
Audio Serial Data Clock Pin
13
SDTO
O
Audio Serial Data Output Pin
14
SDTI
I
Audio Serial Data Input Pin
15
CDTI
I
Control Data Input Pin
16
CCLK
I
Control Data Clock Pin
17
CS
I
Chip Select Pin
18
CIF
I
Control Data I/F Format Pin
“H”: CS falling trigger,
“L”: CS rising trigger
19
PD
I
Power-Down Mode Pin
“H”: Power up,
“L”: Power down, reset and initialize the control register.
20
M/ S
I
Master/Slave Mode Pin
“H”: Master mode,
“L”: Slave mode
21
CLKO
O
Master Clock Output Pin
22
VT
-
Output Buffer Power Supply Pin, 2.7
∼ 5.25V
23
VD
-
Digital Power Supply Pin, 4.75
∼ 5.25V
24
DGND
-
Digital Ground Pin
25
AOUTL
O
Lch Negative Analog Output Pin
26
AOUTL+
O
Lch Positive Analog Output Pin
27
AOUTR
O
Rch Negative Analog Output Pin
28
AOUTR+
O
Rch Positive Analog Output Pin
Note: All input pins except pull-down pins should not be left floating.


Similar Part No. - AKD4524

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4524 AKM-AKD4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AKD4524 AKM-AKD4524 Datasheet
746Kb / 28P
   EVALUATION BOARD REV.A FOR AK4524
More results

Similar Description - AKD4524

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4524 AKM-AK4524_12 Datasheet
367Kb / 32P
   24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528 Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4552 AKM-AK4552 Datasheet
112Kb / 15P
   3V 96KHZ 24BIT CODEC
AKD4584 AKM-AKD4584_06 Datasheet
409Kb / 46P
   the 24bit 96kHz CODEC
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com