Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4556 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4556
Description  3V 192kHz 24Bit ?誇 CODEC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4556 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4556 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4556 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4556 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4556 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4556 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4556 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4556 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4556 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4556 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ASAHI KASEI
[AK4556]
MS0559-E-00
2006/11
- 4 -
Ordering Guide
AK4556VT
-40
∼ +85°C
20pin TSSOP (0.65mm pitch)
AKD4556
Evaluation Board for AK4556
Pin Layout
1
RIN
LIN
VA
VSS
VD
DEM0
DEM1
SDTO
Top
View
2
3
4
5
6
7
8
ROUT
LOUT
PDN
BCLK
MCLK
LRCK
SDTI
20
19
18
17
16
15
14
13
VCOM
CKS0
CSK1
9
10
CKS3
CSK2
12
11


Similar Part No. - AK4556

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4550 AKM-AK4550 Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4550 AKM-AK4550 Datasheet
845Kb / 22P
   EVALUATION BOARD REV.C FOR AK4550
AK4550VT AKM-AK4550VT Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4551 AKM-AK4551 Datasheet
109Kb / 15P
   LOW POWER & SMALL PACKAGE 20BIT CODEC
AK4551 AKM-AK4551 Datasheet
110Kb / 17P
   EVALUATION BOARD REV.C FOR AK4551
More results

Similar Description - AK4556

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
AKD4395-SBW AKM-AKD4395-SBW Datasheet
282Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
AKD4384-SC AKM-AKD4384-SC Datasheet
450Kb / 32P
   192kHz sampling 24Bit ?誇 DAC
AKD4388-SB AKM-AKD4388-SB Datasheet
443Kb / 26P
   192kHz sampling 24Bit ?誇 DAC
AKD4341-SB AKM-AKD4341-SB Datasheet
419Kb / 23P
   192kHz sampling 24Bit ?誇 DAC
AKD4340-SB AKM-AKD4340-SB Datasheet
340Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4382A-SB AKM-AKD4382A-SB Datasheet
482Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4385-SC AKM-AKD4385-SC Datasheet
320Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4394 AKM-AKD4394_07 Datasheet
531Kb / 32P
   192kHz sampling 24Bit ?誇 DAC.
AKD4396-SBW AKM-AKD4396-SBW Datasheet
297Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com